Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4941-1
Rev. C | Page 18 of 24
Table 10. Output Voltage Noise, G = 2.4 Differential Amplifier Shown in Figure 48
Noise Source
Typical Value
VOP Contribution (nV√Hz)
VON Contribution (nV√Hz)
VO, dm Contribution (nV√Hz)
vn_A1
2.1 nV/√Hz
2.5
2.5
5
ip_A1
1 pA/√Hz
1
1
2
in_A1
1 pA/√Hz
1
1
2
√4 kTRF
4 nV/√Hz
4
4
8
√4 kTRG
9 nV/√Hz
1.8
1.8
3.6
√4 kTRS
3.6 nV/√Hz
4.4
4.4
8.8
vn_inverter
9.2 nV/√Hz
0
9.2
9.2
√RS_REF
0
0
0
0
ip_A2 × RS_REF
0
0
0
0
Totals
6.8
11.4
16.5
RF = 1.0 kΩ, RG = 4.99 kΩ, RS = 825 Ω, RS_REF = 0 Ω.
vn_inverter = noise contributions from A2 and its associated internal 1 kΩ feedback resistors and 500 Ω offset current balancing resistor.
Table 11. Output Voltage Noise, G = 2 Differential Amplifier Shown in Figure 49
Noise Source
Typical Value
VOP Contribution (nV√Hz)
VON Contribution (nV√Hz)
VO, dm Contribution (nV√Hz)
vn_A1
2.1 nV/√Hz
2.1
2.1
4.2
ip_A1
0
0
0
0
in_A1
0
0
0
0
√4 kTRF
0
0
0
0
√4 kTRG
0
0
0
0
√4 kTRS
0
0
0
0
vn_inverter
9.2 nV/√Hz
0
9.2
9.2
√RS_REF
0
0
0
0
ip_A2 × RS_REF
0
0
0
0
Totals
2.1
9.4
10
RF = 0 Ω, RG = ∞, RS = 0 Ω, RS_REF = 0 Ω.
Table 12. Output Voltage Noise, G = 5 Differential Amplifier Shown in Figure 50
Noise Source
Typical Value
VOP Contribution (nV√Hz)
VON Contribution (nV√Hz)
VO, dm Contribution (nV√Hz)
vn_A1
2.1 nV/√Hz
5.25
5.25
10.5
ip_A1
1 pA/√Hz
1
1
2
in_A1
1 pA/√Hz
1
1
2
√4 kTRF
4 nV/√Hz
4
4
8
√4 kTRG
3.26 nV/√Hz
4.9
4.9
9.8
√4 kTRS
2.54 nV/√Hz
6.54
6.54
13.1
vn_inverter
9.2 nV/√Hz
0
9.2
9.2
√RS_REF
0
0
0
0
ip_A2 × RS_REF
0
0
0
0
Totals
10.7
14.1
23.1
RF = 1.02 kΩ, RG = 665 Ω, RS = 402 Ω, RS_REF = 0 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com