Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADA4941-1
Rev. C | Page 19 of 24
FREQUENCY RESPONSE VS. CLOSED-LOOP GAIN
The operational amplifiers used in the ADA4941-1 are voltage
feedback with an open-loop frequency response that can be
approximated with the integrator response, as shown in Figure 53.
100
0
0.001
100
FREQUENCY (MHz)
80
60
40
20
0.01
0.1
1
10
fcr = 50MHz
Figure 53. ADA4941-1 Op Amp Open-Loop Gain vs. Frequency
For each amplifier, the frequency response can be approximated
by the following equations:
×
+
+
×


+
×
=
fcr
f
R
R
R
R
R
VIN
_A1
V
G
G
F
G
F
O
1
1
1
(15)
(Noninverting Response)
×
+
+
×


 −
×
=
fcr
f
R
R
R
R
R
VIN
_A2
V
G
G
F
G
F
O
1
1
(16)
(Inverting Response)
fCR is the gain-bandwidth frequency of the amplifier (where the
open-loop gain shown in Figure 53 equals 1). fCR for both
amplifiers is about 50 MHz.
The inverting amplifier A2 has a fixed feedback network. The
transfer function is approximately
+
×
−
=


×
+
×
−
=
MHz
25
1
1
MHz
50
2
1
1
2
_
f
VOP
f
VIN
A
VO
(17)
A1’s frequency response depends on the external feedback
network as indicated by Equation 15. The overall differential
output voltage is therefore
VO, dm = VOP − VON = VOP + VOP ×
+
MHz
25
1
1
f
(18)
+
+
×
×
+
+
×


+
×
=
MHz
25
1
1
1
MHz
50
1
1
1
f
f
R
R
R
R
R
VIN
, dm
V
G
G
F
G
F
O
(19)
Multiplying the terms and neglecting negligible terms leads to
the following approximation:
+
×
×
+
+
×


+
=
MHz
25
1
MHz
50
1
2
1
,
f
f
R
R
R
R
R
VIN
dm
V
G
G
F
G
F
O
(20)
There are two poles in this transfer function, and the lower
frequency pole limits the bandwidth of the differential
amplifier. If VOP is shorted to IN− (A1 is a unity gain follower),
the 25 MHz closed-loop bandwidth of the inverting channel
limits the overall bandwidth. When A1 is operating with higher
noise gains, the bandwidth is limited by A1’s closed-loop
bandwidth, which is inversely proportional to the noise gain
(1 + RF/RG). For instance, if the external feedback network
provides a noise gain of 10, the bandwidth drops to 5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com