Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4941-1YCPZ-R7
Description  Single-Supply, Differential 18-Bit ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4941-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4941-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADA4941-1
Rev. C | Page 17 of 24
Table 7, Table 8, and Table 9 show typical error budgets for the
circuits shown in Figure 48, Figure 49, and Figure 50.
RF = 1.0 kΩ, RG = 4.99 kΩ, RS_IN = 825 Ω, RS_REF = 0 Ω
Table 7. Output Voltage Error Budget for G = 2.4 Amplifier
Shown in Figure 48
Error
Source
Typical
Value
VOP_error
VON_error
VO_dm_error
VOS_A1
0.1 mV
+0.12 mV
−0.12 mV
+0.24 mV
IBP_A1
3 µA
+2.48 mV
−2.48 mV
−4.96 mV
IBN_A1
3 µA
−2.48 mV
+2.48 mV
+4.96 mV
VOS_A2
0.1 mV
0 mV
+0.2 mV
+0.2 mV
Total VO_error, dm = 0.44 mV
RF = 0 Ω, RG = ∞, RS_IN = 0 Ω, RS_REF = 0 Ω
Table 8. Output Voltage Error Budget for Amplifier Shown
in Figure 49
Error
Source
Typical
Value
VOP_error
VON_error
VO_dm_error
VOS_A1
0.1 mV
+0.1 mV
−0.1 mV
+0.2 mV
IBP_A1
3 µA
+2.48 mV
−2.48 mV
−4.96 mV
IBN_A1
3 µA
−2.48 mV
+2.48 mV
+4.96 mV
VOS_A2
0.1 mV
0 mV
+0.2 mV
+0.2 mV
Total VO_error, dm = 0.4 mV
RF = 1.02 kΩ, RG = 665 Ω, RS_IN = 402 Ω, RS_REF = 0 Ω
Table 9. Output Voltage Error Budget for G = 5 Amplifier
Shown in Figure 50
Error
Source
Typical
Value
VOP_error
VON_error
VO_dm_error
VOS_A1
0.1 mV
+0.25 mV
−0.25 mV
+0.5 mV
IBP_A1
3 µA
+1.21 mV
−1.21 mV
−2.4 mV
IBN_A1
3 µA
−1.21 mV
+1.21 mV
+2.4 mV
VOS_A2
0.1 mV
0 mV
+0.2 mV
+0.2 mV
Total VO_error, dm = 0.7 mV
OUTPUT VOLTAGE NOISE
1k
Ω
1k
Ω
RG
RF
RS
ip–A2
in–A2
vn–A1
500
Ω
A2
A1
REF
IN
2
8
4
5
FB
OUT+
+
–
VOP
1
OUT–
+
–
VON
vn–A2
RS–REF
ip–A1
in–A1
√4kT (1kΩ)
√4kT (1kΩ)
√4kT (500Ω)
√4kT (RS–REF)
√4kTRS
√4kTRG
√4kTRF
Figure 52. Noise Sources
Figure 52 shows the major contributors to the ADA4941-1
differential output voltage noise. The differential output noise
mean-square voltage equals the sum of twice the noise mean-
square voltage contributions from the noninverting channel
(A1), plus the noise mean-square voltage terms associated with
the inverting channel (A2).
[
]
[
]
2
2
2
2
2
2
2
2
_
4
1
2
4
2
4
2
_
2
)
_
(
1
2
)
_
(
1
2
_
,
n
VON
kTR
R
R
R
R
kTR
kTR
R
A1
in
R
A1
ip
R
R
A1
vn
R
R
n
dm
V
S
G
F
G
F
G
F
F
S
G
F
G
F
O
+
×


+
×
+
×
+
+
×
+
×
×


+
×
+
×


+
=
(13)
where VON_n2 is calculated as
(
)
[
] [
]
)
(
16
(500)
16
(1000)
8
)
_
(
1000
)
_
500
)(
_
(
4
4
2
2
2
2
_REF
R
kT
kT
kT
A2
in
REF
R
A2
ip
vn_A2
VON_n
S
S
+
+
+
+
+
+
=
(14)
where:
vn_A1 and vn_A2 are the input voltage noises of A1 and A2,
each equal to 2.1 nV/√Hz.
in_A1, in_A2, ip_A1, and ip_A2 are amplifier input current
noise terms, each equal to 1 pA/√Hz.
RS, RF, and RG are the external source, feedback, and gain
resistors, respectively.
kT is Boltzmann’s constant times absolute temperature, equal to
4.2 x 10-21 W-s at room temperature.
RS_REF is any source resistance at the REF pin.
When A1 is used as a unity gain follower, the output voltage
noise spectral density is at its minimum, 10 nV/√Hz. Higher
voltage gains have higher output voltage noise.
Table 10, Table 11, and Table 12 show the noise contributions
and output voltage noise for the circuits in Figure 48, Figure 49,
and Figure 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com