Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4291 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 9Page - STMicroelectronics AN4291 Datasheet HTML 10Page - STMicroelectronics AN4291 Datasheet HTML 11Page - STMicroelectronics AN4291 Datasheet HTML 12Page - STMicroelectronics AN4291 Datasheet HTML 13Page - STMicroelectronics AN4291 Datasheet HTML 14Page - STMicroelectronics AN4291 Datasheet HTML 15Page - STMicroelectronics AN4291 Datasheet HTML 16Page - STMicroelectronics AN4291 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DocID024519 Rev 1
13/53
AN4291
Design concept
of the voltage divider from flowing through the LED during the dimming off-time. The
ADC maximum voltage is 1.25 V (the ADC gain is configured to x1).
•
The D4 diode is active during the OFF period, when the voltage across the inductor
goes high.
•
The U2 circuit (PM8834 MOSFET driver) is used to generate the correct gate voltage in
case the STLUX385A is powered from 3.3 V.
•
The D6 diode is used to protect the circuit if the LED chain opens or is accidentally
removed during the normal operation.
3.2
Solving the equations
The TOFF value introduced in the previous equation has to be converted into a number that
could be used by the STLUX385A. In particular, TOFF is implemented in the SMED as a
timer. This timer is a 16-bit register and is clocked according to the SMED clock (CLK = 96
Mhz). The timer register value is equal to:
Equation 5
where:
•
TOFF(SMED): timer value
•
CLK: SMED operating frequency
The STLUX385A monitors the voltage drop caused by the LED and it is calculated as the
difference between the power voltage (VLED_PW) and the voltage measured after the LED
string (VCOMx). Both VLED_PW and VCOMx are read by the ADC unit.
Equation 6
where:
ADCLED_VAL: the sensed LED drop voltage and calculated as VLED_PW - VCOMx
VCOMx: ADC value read from middle point of each channel (LED-inductor)
VLED_PW: ADC value read from the main power
P: is the resistor partition gain (R19+R25+R37)/R37 = (53400)/1200= 44.5 Ω
ADCFS: ADC top voltage = 1.25 V
ADCTOP: is the step value of ADC (2
10) = 1024
Equation 1 can be rewritten as follows:
Equation 7
T
OFF SMED
()
T
OFF
CLK
×
=
V
LED
ADC
LED_VAL
ADC
FS
P
×
×
ADC
TOP
--------------------------------------------------------------------
=
T
OFF SMED
()
2I
MAX
I
AVR
–
() L
×
ADC
TOP
ADC
LED_VAL
ADC
FS
P
×
×
--------------------------------------------------------------------
⎝⎠
⎛⎞
CLK
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com