Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4291 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 27Page - STMicroelectronics AN4291 Datasheet HTML 28Page - STMicroelectronics AN4291 Datasheet HTML 29Page - STMicroelectronics AN4291 Datasheet HTML 30Page - STMicroelectronics AN4291 Datasheet HTML 31Page - STMicroelectronics AN4291 Datasheet HTML 32Page - STMicroelectronics AN4291 Datasheet HTML 33Page - STMicroelectronics AN4291 Datasheet HTML 34Page - STMicroelectronics AN4291 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
DocID024519 Rev 1
31/53
AN4291
User interface
7.4.5
au - adaptive voltage compensation
The adaptive voltage compensation (control loop) is used to calculate the new PWM
parameters in relation to the voltage read by the VCOMx or VLED_PW. When the adaptive
voltage compensation is OFF ("au x 0"), the voltage compensation simulation mode is
enabled and the commands vp and vc become available. The value is stored into the
E2PROM data area and applies to next power-on.
Syntax: au [ch] [enable]
Parameters:
•
ch [0-3]: channel number
•
enable [0,1]: enables (1) or disables (0) the adaptive voltage compensation.
Output: none
7.4.6
st - verify status
The command reports the STLUX385A status.
Syntax: st
Parameters: none
Output: an example of the output is shown:
Figure 11. "st" command
The first line reports the last error [err=] and the total number of errors found [cnt=] by the
FW. The [di=] field reports the "ed" status [0 or 1] and the "di" global dimming percentage
(from 0% to 100%). It also reports, for each channel [ch], the channel activation or
deactivation [on or off], the automatic loop status [l=1 or l=0], the dimming level [d=010], the
number of LEDs, the current index and the VLED_PW and VCOMx voltages when the dimming
is ON. The voltage data (VLED_PW and VCOMx) is the raw data read from the ADC. Multiply
by 0.05437489 to convert into a voltage.
7.4.7
pw - PWM status
Syntax: pw [ch]
Parameters:
•
ch [0-3]: channel number
Output:
•
Retrieves the TIM_Cnt values configured in the [ch] channel. The command "pw 0"
output is shown in Figure 12:
Status: err=0 cnt=0
di=1:050
Led ch=0 on l=1
d=010 led=6 cur=0
Vpw=432 Vcom=80 OVC=off
Led ch=1 on l=1
d=020 led=6 cur=3
Vpw=432 Vcom=89 OVC=off
Led ch=2 on l=1
d=210 led=6 cur= 2
Vpw=429 Vcom=91 OVC=off
Led ch=3 on l=1
d=0 55 led=6 cur= 1
Vpw=430 Vcom=94 OVC=off
AM16711v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com