Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4291 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 45Page - STMicroelectronics AN4291 Datasheet HTML 46Page - STMicroelectronics AN4291 Datasheet HTML 47Page - STMicroelectronics AN4291 Datasheet HTML 48Page - STMicroelectronics AN4291 Datasheet HTML 49Page - STMicroelectronics AN4291 Datasheet HTML 50Page - STMicroelectronics AN4291 Datasheet HTML 51Page - STMicroelectronics AN4291 Datasheet HTML 52Page - STMicroelectronics AN4291 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
DocID024519 Rev 1
49/53
AN4291
Bill of material
11
Bill of material
Table 7. Bill of material
Item
Quantity
References
Part value
Package and
supplier code
Notes
12
C1,C4
1
μF
Capc-0603
10 V
2
4
C2,C8,C43,C45
10 nF
Capc-0603
38
C3,C19,C20,C31,C32,
C40,
100 nF
Capc-0603
C44,C46
4
2
C5,C6
12p-N.M.
Capc-0603
Not mounted
5
1
C7
4.7 nF
Capc-0603
6
4
C9,C11,C21,C23
10 nF
Capc-1206
100 V
7
4
C10,C12,C22,C24
1
μF
Capc-1206
100 V
8
4
C13,C14,C25,C26
1 nF
Capc-0603
98
C15,C16,C17,C18,C27,
C28,C29,C30
10 nF
Capc-0603
10
6
C33,C38,C42,C47,C48,
C49
100 nF
Capc-0603
25 V
11
2
C34,C37
100 nF
Capc-1206
100 V
12
1
C35
150 pF
Capc-0805
25 V
13
1
C36
22
μF
D250P100
100 V
14
1
C39
150
μF
Capc-7343
16 V
15
1
C41
10
μF
V-3216
10 V
16
1
C50
47
μF
Cap-
axP1000D400
100 V
17
1
D1
Fault
Ledc-0603
18
1
D2
Run
Ledc-0603
19
4
D3,D4,D9,D10
STPS2H100A
SMA
20
4
D5,D6,D11,D12
STPS0560Z
Sod123
21
4
D7,D8,D13,D14
LL4148
Sod80-st
22
1
D15
BZV85-C51V
DO41
51 V 1,3 W
23
1
D16
STPS3L60U
SMB
24
1
J1
SWIM I/F
4 pin-pitch 2.54
25
1
J2
DALI I/F
Pin 2X6 pitch 2.54
26
1
J3
UART I/F - TTL
3 pin-pitch 2.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com