Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4291 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 17Page - STMicroelectronics AN4291 Datasheet HTML 18Page - STMicroelectronics AN4291 Datasheet HTML 19Page - STMicroelectronics AN4291 Datasheet HTML 20Page - STMicroelectronics AN4291 Datasheet HTML 21Page - STMicroelectronics AN4291 Datasheet HTML 22Page - STMicroelectronics AN4291 Datasheet HTML 23Page - STMicroelectronics AN4291 Datasheet HTML 24Page - STMicroelectronics AN4291 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
DocID024519 Rev 1
21/53
AN4291
Firmware implementation
5
Firmware implementation
The following section offers a view of the firmware implementation. For more details about
the firmware, refer to the source code. The compiled portion of the firmware core is 3.5
Kbyte and the code size is ~12 Kbyte. Most of the code size is allocated to the debugging
machine and general user interface (see Section 7.3).
The PWM algorithm and the OCP controls are entirely implemented in the SMED block,
leaving the CPU free for control tasks such as: slow varying algorithmic compensations, the
command line, and interrupt management.
5.1
Dimming algorithm
The dimming algorithm controls the brightness of the LED string by modulating the amount
of time, the LED is switched ON during a ~5 ms period. This period defines the dimming
cycle, which operates with a ~200 Hz frequency. The longer the LED is ON during a single
cycle, the brighter the LED results to human eyes. To turn ON a LED, the algorithm simply
activates the SMED associated by setting the SMED's SWx event to active state.
Once the desired on-time period is passed, the LED is turned OFF and the algorithm waits
for the beginning of the next dimming cycle to turn ON the LED again.
To optimize power, the dimming cycle in channel x is 90 degrees shifted respect to channel
x-1. LED chains can be configured with different on-time length; however the dimming start
period is fixed by design. In this way, the LEDs are always turned ON at different times,
reducing current peaks on the power supply.
The LED on-time is instead a multiple of 20 µs and is based on the STMR timer, which itself
has 1 µs granularity.
The software stores the time-on length in the onoff[8][2]structure, where the first byte
indicates the channel and the PWM action (turn ON or OFF the LED) and the second byte
specifies the time (up to 256 time units = 256 x 20 µs = 5120 µs) before the next event.
The next example shows the activity of LED channels with different dimming on-times:
DIMM1 is active at 87,5%, DIMM2 is active at 25%, DIMM3 is active at 75% and DIMM4 is
active at 37.5%. When the dimming is ON the SMED output PWM is active and the LED
light is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com