Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSM836-044MATR Datasheet(PDF) 4 Page - International Rectifier

Part # IRSM836-044MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-044MATR Datasheet(HTML) 4 Page - International Rectifier

  IRSM836-044MATR Datasheet HTML 1Page - International Rectifier IRSM836-044MATR Datasheet HTML 2Page - International Rectifier IRSM836-044MATR Datasheet HTML 3Page - International Rectifier IRSM836-044MATR Datasheet HTML 4Page - International Rectifier IRSM836-044MATR Datasheet HTML 5Page - International Rectifier IRSM836-044MATR Datasheet HTML 6Page - International Rectifier IRSM836-044MATR Datasheet HTML 7Page - International Rectifier IRSM836-044MATR Datasheet HTML 8Page - International Rectifier IRSM836-044MATR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IRSM836-044MA
4
www.irf.com
© 2012 International Rectifier
January 21, 2013
RBR
Internal Bootstrap Equivalent Resistor
Value
---
200
---
Ω
TJ=25°C
VRCIN,TH
RCIN Positive Going Threshold
---
8
---
V
RON,FAULT
FAULT Open-Drain Resistance
---
50
100
Ω
Note 4: Characterized, not tested at manufacturing
Dynamic Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25
oC unless otherwise specified.
Symbol
Description
Min
Typ
Max
Units
Conditions
TON
Input to Output Propagation Turn-On
Delay Time
---
0.7
1.5
µs
ID=1mA, V+=50V
See Fig.2
TOFF
Input to Output Propagation Turn-Off
Delay Time
---
0.7
1.5
µs
TFIL,IN
Input Filter Time (HIN, LIN)
200
330
---
ns
VIN=0 & VIN=4V
TFIL,EN
Input Filter Time (EN)
100
200
---
ns
VIN=0 & VIN=4V
TBLT-ITRIP
ITRIP Blanking Time
100
330
ns
VIN=0 & VIN=4V, VI/Trip=5V
TFAULT
Itrip to Fault
---
600
1000
ns
VIN=0 & VIN=4V
TEN
EN Falling to Switch Turn-Off
700
1000
ns
VIN=0 & VIN=4V
TITRIP
ITRIP to Switch Turn-Off Propagation
Delay
---
950
1300
ns
ID=1A, V+=50V, See Fig. 3
MOSFET Avalanche Characteristics
Symbol
Description
Min
Typ
Max
Units
Conditions
EAS
Single Pulse Avalanche Energy
---
47
---
mJ
TJ=25°C, L=3mH, VDD=100V,
IAS=5.7A, VGS=20V, SO-8
package
Thermal and Mechanical Characteristics
Symbol
Description
Min
Typ
Max
Units
Conditions
Rth(J-CT)
Total Thermal Resistance Junction to
Case Top
---
23.6
---
°C/W
One device
Rth(J-CB)
Total Thermal Resistance Junction to
Case Bottom
---
3.7
---
°C/W
One device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com