Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSM836-044MATR Datasheet(PDF) 13 Page - International Rectifier

Part # IRSM836-044MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-044MATR Datasheet(HTML) 13 Page - International Rectifier

Back Button IRSM836-044MATR Datasheet HTML 9Page - International Rectifier IRSM836-044MATR Datasheet HTML 10Page - International Rectifier IRSM836-044MATR Datasheet HTML 11Page - International Rectifier IRSM836-044MATR Datasheet HTML 12Page - International Rectifier IRSM836-044MATR Datasheet HTML 13Page - International Rectifier IRSM836-044MATR Datasheet HTML 14Page - International Rectifier IRSM836-044MATR Datasheet HTML 15Page - International Rectifier IRSM836-044MATR Datasheet HTML 16Page - International Rectifier IRSM836-044MATR Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IRSM836-044MA
13
www.irf.com
© 2012 International Rectifier
January 21, 2013
Current Capability in a Typical Application
Figure 6 shows the current capability for this module at specified conditions. The current capability of the
module is affected by application conditions including the PCB layout, ambient temperature, maximum PCB
temperature, modulation scheme, PCB copper thickness and so on. The curves below were obtained from
measurements carried out on the IRMCS1471_R4 reference design board which includes the IRSM836-044MA
and IR’s IRMCK171 digital control IC.
0
100
200
300
400
500
600
700
800
900
1000
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
150V, ∆Tca = 70
1oz, 3P
2oz, 3P
1oz, 2P
2oz, 2P
0
100
200
300
400
500
600
700
800
6
8
10
12
14
16
18
20
Carrier Frequency (kHz)
150V, ∆Tca = 40
1oz, 3P
2oz, 3P
1oz, 2P
2oz, 2P
Figure 6: Maximum Sinusoidal Phase Current vs. PWM Switching Frequency
Sinusoidal Modulation, V
+=150V, PF=0.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com