Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSM836-044MATR Datasheet(PDF) 10 Page - International Rectifier

Part # IRSM836-044MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-044MATR Datasheet(HTML) 10 Page - International Rectifier

Back Button IRSM836-044MATR Datasheet HTML 6Page - International Rectifier IRSM836-044MATR Datasheet HTML 7Page - International Rectifier IRSM836-044MATR Datasheet HTML 8Page - International Rectifier IRSM836-044MATR Datasheet HTML 9Page - International Rectifier IRSM836-044MATR Datasheet HTML 10Page - International Rectifier IRSM836-044MATR Datasheet HTML 11Page - International Rectifier IRSM836-044MATR Datasheet HTML 12Page - International Rectifier IRSM836-044MATR Datasheet HTML 13Page - International Rectifier IRSM836-044MATR Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IRSM836-044MA
10
www.irf.com
© 2012 International Rectifier
January 21, 2013
Module Pin-Out Description
Pin
Name
Description
1
HIN3
Logic Input for High Side Gate Driver - Phase 3
2
LIN1
Logic Input for Low Side Gate Driver - Phase 1
3
LIN2
Logic Input for Low Side Gate Driver - Phase 2
4
LIN3
Logic Input for Low Side Gate Driver - Phase 3
5
/FLT
Fault Output Pin
6
Itrip
Over-Current Protection Pin
7
EN
Enable Pin
8
RCin
Reset Programming Pin
9, 39
VSS, COM
Ground for Gate Drive IC and Low Side Gate Drive Return
10, 11,30,
37
U, VS1
Output 1, High Side Floating Supply Offset Voltage
12, 13
VR1
Phase 1 Low Side FET Source
14, 15
VR2
Phase 2 Low Side FET Source
16, 17, 38
V, VS2
Output 2, High Side Floating Supply Offset Voltage
18, 19
W, VS3
Output 3, High Side Floating Supply Offset Voltage
20, 21
VR3
Phase 3 Low Side FET Source
22-29
V+
DC Bus Voltage Positive
31
VB1
High Side Floating Supply Voltage 1
32
VB2
High Side Floating Supply Voltage 2
33
VB3
High Side Floating Supply Voltage 3
34
VCC
15V Supply
35
HIN1
Logic Input for High Side Gate Driver - Phase 1
36
HIN2
Logic Input for High Side Gate Driver - Phase 2b
36
35
34
33
32
31
30
29
28
21
20
17
16
11
1
9
8
7
6
5
4
3
Top View
2
27
10
19
18
37
38
39
12
13
14
15
23
22
25
24
26
Note
Pins 37 and 38 are not required to
be connected electrically on the
PCB, so they may be omitted from
the footprint
All pins with the same name are
internally connected. For example,
pins 10, 11, 30 and 37 are
internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com