Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSM836-044MATR Datasheet(PDF) 12 Page - International Rectifier

Part # IRSM836-044MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-044MATR Datasheet(HTML) 12 Page - International Rectifier

Back Button IRSM836-044MATR Datasheet HTML 8Page - International Rectifier IRSM836-044MATR Datasheet HTML 9Page - International Rectifier IRSM836-044MATR Datasheet HTML 10Page - International Rectifier IRSM836-044MATR Datasheet HTML 11Page - International Rectifier IRSM836-044MATR Datasheet HTML 12Page - International Rectifier IRSM836-044MATR Datasheet HTML 13Page - International Rectifier IRSM836-044MATR Datasheet HTML 14Page - International Rectifier IRSM836-044MATR Datasheet HTML 15Page - International Rectifier IRSM836-044MATR Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
IRSM836-044MA
12
www.irf.com
© 2012 International Rectifier
January 21, 2013
Typical Application Connection IRSM836-044MA
IRSM836-044MA
HVIC
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
ITRIP
EN
VB1
VB2
VB3
U, VS1
V, VS2
W, VS3
RCIN
Power
Supply
PWMWH
PWMVH
PWMUH
PWMVL
PWMWL
GATEKILL
AIN1
IFB+
IFB-
IFBO
VSS
VDD
VDDCAP
XTAL0
XTAL1
AIN2
SPD-REF
VSS
COM
VBUS
IRMCK171
PWMUL
4.87k
2M
2M
1nF
0.5
6.04k
6.04k
7.68k
1.
Electrolytic bus capacitors should be mounted as close to the module bus terminals as possible to reduce
ringing and EMI problems. Additional high frequency ceramic capacitor mounted close to the module pins
will further improve performance.
2.
In order to provide good decoupling between VCC-VSS and VB1,2,3-VS1,2,3 terminals, the capacitors
shown connected between these terminals should be located very close to the module pins. Additional
high frequency capacitors, typically 0.1µF, are recommended.
3.
Value of the boot-strap capacitors depends upon the switching frequency. Their selection should be made
based on IR application note AN-1044.
4.
PWM generator must be disabled within Fault duration to guarantee shutdown of the system. Over-
current condition must be cleared before resuming operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com