Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Outline Drawings
8-Pin DIP Package (HCPL-4100)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXX
YYWW
DATE CODE
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
5
6
7
8
4
3
2
1
5° TYP.
TYPE NUMBER
UL
RECOGNITION
UR
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
3.56 ± 0.13
(0.140 ± 0.005)
Ordering Information
HCPL-4100 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface Mount
Gull Wing
Tape & Reel Quantity
RoHS
Compliant
Non-RoHS
Compliant
HCPL-4100
-000E
No option
300 mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-4100-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging in RoHS
compliant.
Example 2:
HCPL-4100 to order product of 300 mil DIP package in tube packaging and non-RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and
RoHS compliant option will use ‘-XXXE’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com