Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Absolute Maximum Ratings
(No Derating Required up to 55°C)
Storage Temperature .............................................................................................-55°C to +125°C
Operating Temperature ..........................................................................................-40°C to +85°C
Lead Solder Temperature .............................. 260°C for 10 s (1.6 mm below seating plane)
Supply Voltage – V
CC
..........................................................................................................0 V to 20 V
Average Output Current - I
O
..............................................................................-30 mA to 30 mA
Peak Output Current - I
O
................................................................................... Internally Limited
Output Voltage – V
O
.......................................................................................................-0.4 V to 27 V
Input Voltage – V
I
............................................................................................................-0.5 V to 20 V
Input Power Dissipation – P
I
........................................................................................... 265 mW[1]
Output Power Dissipation – P
O
...................................................................................... 125 mW[2]
Total Power Dissipation – P ............................................................................................. 360 mW[3]
Infrared and Vapor Phase Reflow Temperature
(Option #300) ..................................................................................... see Fig. 1, Thermal Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
20
Volts
Input Voltage Low
V
IL
0
0.8
Volts
Input Voltage High
V
IH
2.0
20
Volts
Operating Temperature
T
A
0
70
°C
Output Voltage
V
O
0
27
Volts
Output Current
I
O
0
24
mA
DC Electrical Specifications
For 0°C ≤ T
A
≤ 70°C, 4.5 V ≤ V
CC
≤ 20 V, all typicals at T
A
= 25°C and V
CC
= 5 V unless otherwise noted. See note 12.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Mark State Output
V
MO
1.8
2.25
Volts
I
O
= 2 mA, V
I
= 2.0 V
2, 3
Voltage
2.2
Volts
I
O
= 12 mA, V
I
= 2.0 V
2.35
2.7
Volts
I
O
= 20 mA, V
I
= 2.0 V
Mark State Short
I
SC
30
85
mA
V
I
= 2 V, V
O
= 5 V to 27 V 4
Circuit Output
Current
Space State Input
I
SO
0.5
1.1
2.0
mA
V
I
= 0.8 V, V
O
= 27 V
4
Current
Low Level Input
I
IL
-0.12
-0.32
mA
V
CC
= 20 V, V
I
= 0.4 V
Current
Low Level Input
V
IL
0.8
Volts
Voltage
High Level Input
V
IH
2.0
Volts
Voltage
High Level Input
I
IH
20
μA
V
I
= 2.7 V
Current
100
μA
V
I
= 5.5 V
0.005
250
μA
V
I
= 20 V
Supply Current
I
CC
7.0
11.5
mA
V
CC
= 5.5 V, 0 V ≤ V
I
≤ 20 V
7.8
13
mA
V
CC
= 20 V , 0 V ≤ V
I
≤ 20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com