Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
x Guaranteed 20 mA loop parameters
x Data input compatible with LSTTL, TTL and CMOS
Logic
x Internal shield for High Common Mode rejection
x 20 kBaud data rate at 400 metres line length
x Guaranteed On and Off output current levels
x Safety approval
UL Recognized -3750 V rms for 1 minute
CSA Approved
x Optically coupled 20 mA current loop receiver,
HCPL-4200, also available
Applications
x Isolated 20 mA current loop transmitter in:
Computer peripherals
Industrial control equipment
Data communications equipment
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
A 0.1 μF bypass capacitor connected between pins 8 and 5 is recommended.
Description
The HCPL-4100 optocoupler is designed to operate as a
transmitter in equipment using the 20 mA current loop.
20 mA current loop systems conventionally signal a
logic high state by transmitting 20 mA of loop current
(MARK), and signal a logic low state by allowing no
more than a few milliamperes of loop current (SPACE).
Optical coupling of the signal from the logic input to the
20 mA current loop breaks ground loops and provides
very high immunity to common mode interference.
The
HCPL-4100
data
input
is
compatible
with
LSTTL, TTL, or CMOS logic gates. The input integrated
circuit drives a GaAsP LED. The light emitted by the LED is
sensed by a second integrated circuit that allows 20 mA
to pass with a voltage drop of less than 2.7 volts when
no light is emitted and allows less than 2 mA to pass
when light is emitted. The transmitter output is capable
of withstanding 27 volts. The input integrated circuit
provides a controlled amount of LED drive current and
takes into account any LED light output degradation. The
internal shield allows a guaranteed 1000 V/μs common
mode transient immunity.
Functional Diagram
HCPL-4100
Optically Coupled 20 mA Current Loop Transmitter
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4100 HP-HCPL-4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100300 HP-HCPL-4100300 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100500 HP-HCPL-4100500 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
More results

Similar Description - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
Optically Coupled 20 mA Optically Coupled 20 mA
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
Optically Coupled 20 mA Current Loop Receiver
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD694 AD-AD694_15 Datasheet
163Kb / 16P
4-20 mA Transmitter
REV. B
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com