Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4100 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Regulatory Information
The HCPL-4100 has been approved
by the following organizations:
UL
Recognized under UL 1577, Com-
ponent Recognition Program, File
E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.1
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air
Min. External Tracking Path
L(IO2)
7.4
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body
Min. Internal Plastic Gap
0.08
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity
Tracking Resistance
CTI
200
Volts
DIN IEC 112/VDE 0303 PART 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Recommended Pb-Free IR Profile
Figure 2. Pb-Free IR Profile.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com