Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5545ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5545ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5545ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADL5545
Rev. 0 | Page 11 of 20
4 GHz TO 6 GHz FREQUENCY BAND
40
35
30
25
20
15
10
5
0
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
NOISE FIGURE
GAIN
P1dB
OIP3
Figure 15. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
High Frequency Configuration
20
12
13
14
15
16
17
18
19
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
+25°C
–40°C
+85°C
+105°C
Figure 16. Gain vs. Frequency and Temperature,
High Frequency Configuration
40
35
30
25
20
15
10
0
5
40
35
30
25
20
15
10
0
5
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
+25°C
+85°C
+105°C
–40°C
+25°C
+105°C
–40°C
+85°C
Figure 17. P1dB and OIP3 vs. Frequency and Temperature,
High Frequency Configuration
15
20
25
30
35
40
–5.0
5.0
2.5
0
–2.5
POUT PER TONE (dBm)
5000MHz
5800MHz
Figure 18. OIP3 vs. Output Power (POUT) and Frequency,
High Frequency Configuration
0
–35
–30
–25
–20
–15
–10
–5
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
S11
S22
S12
Figure 19. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, High Frequency Configuration
7.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
+25°C
+85°C
–40°C
+105°C
Figure 20. Noise Figure vs. Frequency and Temperature,
High Frequency Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com