Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5545ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5545ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5545ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
30 MHz to 6 GHz
RF/IF Gain Block
Data Sheet
ADL5545
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 24.1 dB
Broadband operation from 30 MHz to 6 GHz
Input/output internally matched to 50 Ω
Integrated bias control circuit
OIP3 of 36.4 dBm at 900 MHz
P1dB of 18.1 dBm at 900 MHz
Noise figure of 2.9 dB at 900 MHz
Single 5 V power supply
Low quiescent current of 56 mA
Wide operating temperature range of −40°C to +105°C
Thermally efficient SOT-89 package
ESD rating of ±1.5 kV (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
GND
1
2
BIAS
3
GND
ADL5545
(2)
RFIN
RFOUT
Figure 1.
GENERAL DESCRIPTION
The ADL5545 is a single-ended RF/IF gain block amplifier
that provides broadband operation from 30 MHz to 6 GHz.
The ADL5545 provides over 36 dBm of OIP3 using only 56 mA
from a 5 V supply.
The ADL5545 provides a gain of 24 dB, which is stable over
frequency, temperature, power supply, and from device to device.
The amplifier is offered in the industry-standard SOT-89 package
and is internally matched to 50 Ω at the input and output, making
the ADL5545 very easy to implement in a wide variety of applica-
tions. The only external components required are the input/output
ac coupling capacitors, power supply decoupling capacitors, and
dc bias inductor.
The ADL5545 is fabricated on an InGaP HBT process and has
a high ESD rating of ±1.5 kV (Class 1C). The ADL5545 is also
fully specified for operation across the wide temperature range of
−40°C to +105°C. A fully populated RoHS-compliant evaluation
board is available.


Similar Part No. - ADL5545ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5545ARKZ-R7 AD-ADL5545ARKZ-R7 Datasheet
371Kb / 18P
30 MHz to 6 GHz RF/IF Gain Block
Rev. B
More results

Similar Description - ADL5545ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
50 MHz to 6 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com