Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5545ARKZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5545ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545ARKZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5545ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADL5545
Data Sheet
Rev. 0 | Page 12 of 20
GENERAL
63
45
47
49
51
53
55
57
59
61
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100 110
TEMPERATURE (°C)
5.00V
4.75V
5.25V
Figure 21. Supply Current vs. Temperature
40
35
30
25
20
15
10
5
0
GAIN (dB)
23.6
23.7
23.8
23.9
24.0
24.1
24.2
24.3
24.4
Figure 22. Gain Distribution at 900 MHz
30
25
20
15
10
5
0
P1dB (dBm)
17.6 17.7 17.8 17.9 18.0 18.1 18.2 18.3 18.4 18.5 18.6 18.7
Figure 23. P1dB Distribution at 900 MHz
70
50
52
54
56
58
60
62
64
66
68
1
19
17
15
13
11
9
7
5
3
POUT (dBm)
5.00V
4.75V
5.25V
Figure 24. Supply Current vs. POUT at 900 MHz
25
20
15
10
5
0
31
32
33
34
35
36
37
38
39
40
41
OIP3 (dBm)
Figure 25. OIP3 Distribution at 900 MHz, POUT = −3 dBm per Tone
80
70
60
50
40
30
20
10
0
2.6
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
NOISE FIGURE (dB)
Figure 26. Noise Figure Distribution at 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com