Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5545ARKZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5545ARKZ-R7
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545ARKZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5545ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 16Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 17Page - Analog Devices ADL5545ARKZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADL5545
Data Sheet
Rev. 0 | Page 14 of 20
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 28 shows the basic connections for operating the
ADL5545. The device supports operation from 30 MHz to 6 GHz.
However, for optimal performance at lower and higher frequency
bands, the board configuration must be adjusted. Table 6 lists
the recommended board configuration to operate the device at
various frequency bands.
1
2
(2)
3
ADL5545
L1
VPOS
GND
C7
RFIN
C1
C8
RFOUT
C2
C6
10µF
C5
1nF
C4
100pF
Figure 28. Basic Connections
A 5 V dc bias is supplied to the amplifier through the bias
inductor connected to RFOUT (Pin 3). The bias voltage must
be decoupled using 100 pF, 1 nF, and 10 μF power supply
decoupling capacitors. The typical current consumption for
the ADL5545 is 56 mA.
At low and high frequencies, the device exhibits improved
performance with the suggested setup configuration listed in
Table 6. Figure 29 to Figure 32 provide a comparison of the
performance of the device at the 100 MHz to 500 MHz and
4 GHz to 6 GHz bands when driven with the optimal setup
configuration and the default setup configuration.
40
35
0
5
10
15
20
25
30
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
GAIN, DEFAULT SETUP CONFIGURATION
GAIN, LOW FREQUENCY CONFIGURATION
P1dB, DEFAULT SETUP CONFIGURATION
P1dB, LOW FREQUENCY CONFIGURATION
NOISE FIGURE, DEFAULT SETUP CONFIGURATION
NOISE FIGURE, LOW FREQUENCY CONFIGURATION
OIP3, DEFAULT SETUP CONFIGURATION
OIP3, LOW FREQUENCY CONFIGURATION
Figure 29. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
100 MHz to 500 MHz, Comparison of Performance
with the Optimized Settings and the Default Configuration
0
–5
–10
–15
–25
–35
–20
–30
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
S11, DEFAULT SETUP CONFIGURATION
S12, DEFAULT SETUP CONFIGURATION
S22, DEFAULT SETUP CONFIGURATION
S11, LOW FREQUENCY CONFIGURATION
S12, LOW FREQUENCY CONFIGURATION
S22, LOW FREQUENCY CONFIGURATION
Figure 30. Return Loss and Reverse Isolation, 100 MHz to 500 MHz,
Comparison of Performance with the Optimized Settings
and the Default Configuration
Table 6. Recommended Components for Basic Connections
Frequency Band
AC Coupling Capacitors (0402)
DC Bias Inductor (0603HP)
High Frequency Matching
Capacitors (0402)
C1
C2
L1
C7
C8
100 MHz to 500 MHz
100 nF
100 nF
1000 nH
Do not install
Do not install
500 MHz to 4 GHz (default)
100 pF
100 pF
100 nH
Do not install
Do not install
4 GHz to 6 GHz
100 pF
100 pF
12 nH
0.1 pF
0.1 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com