Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2E2 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 9Page - Omron Electronics LLC E2E2 Datasheet HTML 10Page - Omron Electronics LLC E2E2 Datasheet HTML 11Page - Omron Electronics LLC E2E2 Datasheet HTML 12Page - Omron Electronics LLC E2E2 Datasheet HTML 13Page - Omron Electronics LLC E2E2 Datasheet HTML 14Page - Omron Electronics LLC E2E2 Datasheet HTML 15Page - Omron Electronics LLC E2E2 Datasheet HTML 16Page - Omron Electronics LLC E2E2 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
13
E2E2
E2E2-X
@D@ DC 2-wire Models
Note 1. Use the E2E2 within the range in which the setting indicator (green LED) is lit (except D2 models).
2. The response speed is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
3. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former JEM standard.
Size
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Item
E2E2-X3D
@
E2E2-X8MD
@
E2E2-X7D
@
E2E2-X14MD
@
E2E2-X10D
@
E2E2-X20MD
@
Sensing distance
3 mm
±10%
8 mm
±10%
7 mm
±10%
14 mm
±10%
10 mm
±10%
20 mm
±10%
Set distance
(See note 1.)
0 to 2.4 mm
0 to 6.4 mm
0 to 5.6 mm
0 to 11.2 mm
0 to 8.0 mm
0 to 16.0 mm
Differential travel
10% max. of sensing distance
Sensing object
Ferrous metal (The sensing distance decreases with non-ferrous metal, refer to Engineering Data.)
Standard sensing
object
Iron, 12 x 12 x
1mm
Iron, 30 x 30 x
1mm
Iron, 18 x 18 x
1mm
Iron, 30 x 30 x
1mm
Iron, 30 x 30 x
1mm
Iron, 54 x 54 x
1mm
Response speed (See
note 2.)
1.0 kHz
0.8 kHz
0.5 kHz
0.4 kHz
0.4 kHz
0.1 kHz
Power supply voltage
(operating voltage
range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Leakage current
0.8 mA max.
Control
output
Load
current
3 to 100 mA
Residual
voltage
3.0 V max. (Load current: 100 mA, Cable length: 2 m)
Indicator
D1 Models: Operation indicator (red LED), setting indicator (green LED)
D2 Models: Operation indicator (red LED)
Operation mode
(with sensing object
approaching)
D1 Models: NO
D2 Models: NC
For details, refer to Timing charts.
Protection circuits
Surge suppressor, output load short-circuit protection
Ambient temperature
Operating/Storage: –25
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating/Storage: 35% to 95% (with no condensation)
Temperature influence
±10% max. of sensing distance at 23°C in the temperature range of –25°C to 70°C
Voltage influence
±1% max. of sensing distance in the rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67
In-house standard for oil resistance (former JEM standard equivalent to IP67g) (See note 3.)
Connection method
Pre-wired models (standard length 2 m)
Weight (packed state)
Approx. 65 g
Approx. 150 g
Approx. 210 g
Material
Case
Brass
Sensing
surface
PBT (polybutylene terephthalate)
Clamping
nuts
Brass-nickel plated
Toothed
washer
Iron-zinc plated
Accessories
Instruction manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com