Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2E2 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 19Page - Omron Electronics LLC E2E2 Datasheet HTML 20Page - Omron Electronics LLC E2E2 Datasheet HTML 21Page - Omron Electronics LLC E2E2 Datasheet HTML 22Page - Omron Electronics LLC E2E2 Datasheet HTML 23Page - Omron Electronics LLC E2E2 Datasheet HTML 24Page - Omron Electronics LLC E2E2 Datasheet HTML 25Page - Omron Electronics LLC E2E2 Datasheet HTML 26Page - Omron Electronics LLC E2E2 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
23
Output Circuits and Timing Charts
■ Output Circuits
E2E
E2E-X
@D@ DC 2-wire Models
DC 3-wire Models
E2E-X
@D1
Without Diagnostic Output
E2E-X
@D1-M1J-T
No Polarity
E2E-X
@D1S
With Diagnostic Output
Load
Brown
4
Blue
0 V
1
(0 V)
0 V
4
3
Load
Brown
Blue 3
0 V
4
Load
Load
2
Orange (diagnostic
output)
E2E-X
@D2
Without Diagnostic Output
Brown
2
Blue
0 V
1
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
Note: 1. The load can be connected to
either the +V or 0 V side.
2. The pin numbers in the above diagram
are for the -M
@G(J). For the -M1, pin 4
is +V and pin 3 is 0 V.
Note: 1. The load can be connected to
either the +V or 0 V side.
2. The E2E-X
@D1-M1J-T has no
polarity. Therefore, terminals 3
and 4 have no polarity.
Note: 1. The load can be connected to
either the +V or 0 V side.
2. The pin numbers in the above
diagram are for the -M
@G.
For -M1 models, pin 2 is +V
and pin 3 is 0 V.
Note: Connect both the loads to the +V
side of the control output and
diagnostic output.
Load
Brown 1
Blue 3
Load
Black 4
(or 2)**
100
Ω
Constant
current*
E2E-X
@E@
NPN Output
E2E-C/X
@C@
NPN Open-collector Output
E2E-C/X
@B@
PNP Open-collector Output
E2E-X
@F@
PNP Output
Blue 3
Load
Black 4
(or 2)***
Brown 1
0 V
100
Ω
*
**
Blue 3
Load
Black 4
Brown 1
0 V
100
Ω
Blue 3
Load
Black 4
Brown 1
0 V
Output
100
Ω
* Constant current output is 1.5 to 3 mA.
** When connecting to a Tr circuit.
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
Proximity
sensor
main
circuit
*** Pin 4 is an NO contact, and pin 2 is an NC contact.
* Constant current output is 1.5 to 3 mA.
* E2E-CR6
@ has no 100-
Ω resistance.
* E2E-CR6
@ has no 100-
Ω resistance.
** Pin 4 is an NO contact, and pin 2 is an NC contact.
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com