Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2E2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2E2 Datasheet HTML 1Page - Omron Electronics LLC E2E2 Datasheet HTML 2Page - Omron Electronics LLC E2E2 Datasheet HTML 3Page - Omron Electronics LLC E2E2 Datasheet HTML 4Page - Omron Electronics LLC E2E2 Datasheet HTML 5Page - Omron Electronics LLC E2E2 Datasheet HTML 6Page - Omron Electronics LLC E2E2 Datasheet HTML 7Page - Omron Electronics LLC E2E2 Datasheet HTML 8Page - Omron Electronics LLC E2E2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
E2E/E2E2 Cylindrical Proximity Sensor
DC 2-wire/Connector Models
Note: In addition to the above models, E2E-X
@D15-M1G models (e.g., E2E-X3D15-M1G), which are different in frequency from the above models,
are available.
DC 2-wire/Pre-wired Connector Models
Note 1. A model with no polarity has a residual voltage of 5 V, which must be taken into consideration together with the interface condition (the
PLC’s ON voltage, for example) when connecting the Proximity Sensor to a load.
2. The standard cable length is 300 mm. Models are also available with 500 mm and 1 m cables.
Connector Pin Assignments of DC 2-wire Model
The connector pin assignments of each new E2E DC 2-wire conforms to IEC947-5-2 Table III.
The following E2E models with conventional connector pin assignments are available as well.
Connector
Self-diagnostic
output function
Size
Sensing
distance
Model
NO
NC
M12
Yes
Shielded
M12
3 mm
E2E-X3D1S-M1
---
M18
7 mm
E2E-X7D1S-M1
---
M30
10 mm
E2E-X10D1S-M1
---
Unshielded
M12
8 mm
E2E-X8MD1S-M1
---
M18
14 mm
E2E-X14MD1S-M1
---
M30
20 mm
E2E-X20MD1S-M1
---
No
Shielded
M8
2 mm
E2E-X2D1-M1G
E2E-X2D2-M1G
M12
3 mm
E2E-X3D1-M1G (See note.)
E2E-X3D2-M1G
M18
7 mm
E2E-X7D1-M1G (See note.)
E2E-X7D2-M1G
M30
10 mm
E2E-X10D1-M1G (See note.)
E2E-X10D2-M1G
Unshielded
M8
4 mm
E2E-X4MD1-M1G
E2E-X4MD2-M1G
M12
8 mm
E2E-X8MD1-M1G (See note.)
E2E-X8MD2-M1G
M18
14 mm
E2E-X14MD1-M1G (See note.)
E2E-X14MD2-M1G
M30
20 mm
E2E-X20MD1-M1G (See note.)
E2E-X20MD2-M1G
M8
Shielded
M8
2 mm
E2E-X2D1-M3G
E2E-X2D2-M3G
Unshielded
4 mm
E2E-X4MD1-M3G
E2E-X4MD2-M3G
Size
Sensing distance
Operation mode
Polarity
Model
Shielded
M12
3 mm
NO
Yes
E2E-X3D1-M1GJ
No
E2E-X3D1-M1J-T
M18
7 mm
Yes
E2E-X7D1-M1GJ
No
E2E-X7D1-M1J-T
M30
10 mm
Yes
E2E-X10D1-M1GJ
No
E2E-X10D1-M1J-T
Unshielded
M12
8 mm
Yes
E2E-X8MD1-M1GJ
M18
14 mm
E2E-X14MD1-M1GJ
M30
20 mm
E2E-X20MD1-M1GJ
Size
Operation mode
Model
Size
Operation mode
Model
Shielded
M8
NO
E2E-X2D1-M1
Unshielded
M8
NO
E2E-X4MD1-M1
NC
E2E-X2D2-M1
NC
E2E-X4MD2-M1
M12
NO
E2E-X3D1-M1
M12
NO
E2E-X8MD1-M1
NC
E2E-X3D2-M1
NC
E2E-X8MD2-M1
M18
NO
E2E-X7D1-M1
M18
NO
E2E-X14MD1-M1
NC
E2E-X7D2-M1
NC
E2E-X14MD2-M1
M30
NO
E2E-X10D1-M1
M30
NO
E2E-X20MD1-M1
NC
E2E-X10D2-M1
NC
E2E-X20MD2-M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com