Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2E2 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 17Page - Omron Electronics LLC E2E2 Datasheet HTML 18Page - Omron Electronics LLC E2E2 Datasheet HTML 19Page - Omron Electronics LLC E2E2 Datasheet HTML 20Page - Omron Electronics LLC E2E2 Datasheet HTML 21Page - Omron Electronics LLC E2E2 Datasheet HTML 22Page - Omron Electronics LLC E2E2 Datasheet HTML 23Page - Omron Electronics LLC E2E2 Datasheet HTML 24Page - Omron Electronics LLC E2E2 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
21
Residual Output Voltage (Typical)
Sensing Distance vs. Sensing Object (Typical)
E2E2-X
@D@
E2E2-X
@Y@
Load current (mA)
Load current (mA)
Load current (mA)
Load current (mA)
Residual output voltage
Residual
load
voltage
Proximity
Sensor
24 VAC
100 VAC
Residual output voltage
Residual
load
voltage
Proximity
Sensor
Residual output voltage
Residual
load
voltage
Proximity
Sensor
200 VAC
24 VAC
100 VAC
200 VAC
OFF
OFF
OFF
E2E2-X3D
@
E2E2-X7D
@
E2E2-X10D
@
Side length of sensing
object d (mm)
Side length of sensing
object d (mm)
Side length of sensing
object d (mm)
Iron
Stainless steel
(SUS304)
Brass
Aluminum
Copper
Iron
Stainless steel
(SUS304)
Brass
Aluminum
Copper
Iron
Stainless steel
(SUS304)
Brass
Aluminum
Copper
t= 1 mm
t= 1 mm
t= 1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com