Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSHMT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C128CSSHMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSHMT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C128CSSHMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 9Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 10Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 11Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 12Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 13Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
8.
Write Operations
Byte Write: A write operation requires two 8-bit data word addresses following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero, and then clock in the first
8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero. The addressing device, such as
a microcontroller, must then terminate the write sequence with a stop condition. At this time, the EEPROM enters an
internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the
EEPROM will not respond until the write is complete (See Figure 7-1).
Figure 8-1. Byte Write
Note:
* = Don’t care bit
Page Write: The 128K EEPROM is capable of 64-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first
data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can
transmit up to 63 more data words. The EEPROM will respond with a zero after each data word received. The
microcontroller must terminate the page write sequence with a stop condition (See Figure 8-2).
Figure 8-2. Page Write
Note:
* = Don’t care bit
The data word address lower six bits are internally incremented following the receipt of each data word. The higher data
word address bits are not incremented, retaining the memory page row location. When the word address, internally
generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than 64
data words are transmitted to the EEPROM, the data word address will roll-over and the previous data will be
overwritten. The address roll-over during write is from the last byte of the current page to the first byte of the same page.
Acknowledge Polling: Once the internally-timed write cycle has started and the EEPROM inputs are disabled,
acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM
respond with a zero, allowing the read or write sequence to continue.
S
T
A
R
T
W
R
I
T
E
S
T
O
P
Device
Address
First
Word Address
Second
Word Address
Data
SDA Line
M
S
B
A
C
K
R
/
W
A
C
K
A
C
K
A
C
K
SDA Line
S
T
A
R
T
W
R
I
T
E
Device
Address
First
Word Address
Second
Word Address
Data (n)
Data (n + x)
M
S
B
A
C
K
R
/
W
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com