Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSHMT Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C128CSSHMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSHMT Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C128CSSHMT Datasheet HTML 1Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 2Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 3Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 4Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
Table 5-3.
AC Characteristics (Industrial Temperature)
Notes: 1. This parameter is ensured by characterization and is not 100% tested.
2. AC measurement conditions:
RL (connects to VCC): 1.3kΩ (2.5V, 5.5V), 10kΩ (1.7V)
Input pulse voltages: 0.3VCC to 0.7VCC
Input rise and fall times: ≤ 50ns
Input and output timing reference voltages: 0.5 x VCC
Applicable over recommended operating range from: TAI = −40°C to +85°C, VCC = 1.7V to 5.5V, CL = 100pF (unless
otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.7V
2.5V, 5.0V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
tLOW
Clock Pulse Width Low
1300
400
ns
tHIGH
Clock Pulse Width High
600
400
ns
tI
Noise Suppression Time(1)
100
50
ns
tAA
Clock Low to Data Out Valid
50
900
50
550
ns
tBUF
Time the bus must be free before a new transmission can
start(1)
1300
500
ns
tHD.STA
Start Hold Time
600
250
ns
tSU.STA
Start Set-up Time
600
250
ns
tHD.DAT
Data In Hold Time
0
0
ns
tSU.DAT
Data In Set-up Time
100
100
ns
tR
Inputs Rise Time(1)
300
300
ns
tF
Inputs Fall Time(1)
300
100
ns
tSU.STO
Stop Set-up Time
600
250
ns
tDH
Data Out Hold Time
50
50
ns
tWR
Write Cycle Time
5
5
ms
Endurance(1)
25°C, Page Mode, 3.3V
1,000,000
Write
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com