Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSHMT Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT24C128CSSHMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSHMT Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT24C128CSSHMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 9Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 10Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 11Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 12Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 13Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 14Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 15Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
Sequential Read: Sequential Reads are initiated by either a Current Address Read or a Random Address Read. After
the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an
acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the
memory address maximum address is reached, the data word address will roll-over and the Sequential Read will
continue from the beginning of the array. The Sequential Read operation is terminated when the microcontroller does not
respond with a zero but does generate a following stop condition (See Figure 9-3).
Figure 9-3. Sequential Read
Note:
* = Don’t care bit
SDA LINE
S
T
A
R
T
S
T
A
R
T
R
E
A
D
W
R
I
T
E
S
T
O
P
Device
Address
Second Word
Address
Device
Address
First Word
Address
Data (n + 1)
Data (n + 2)
Data (n + x)
Data (n)
M
S
B
A
C
K
A
C
K
A
C
K
L
S
B
A
C
K
A
C
K
A
C
K
A
C
K
N
O
A
C
K
R
/
W
Dummy Write
. . .
. . .
R
/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com