Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C128CSSHMT Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C128CSSHMT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSSHMT Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C128CSSHMT Datasheet HTML 1Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 2Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 3Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 4Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSSHMT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
5.
Memory Organization
Atmel AT24C128C, 128K Serial EEPROM: The 128K is internally organized as 256 pages of 64-bytes each. Random
word addressing requires a 14-bit data word address.
Table 5-1.
Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested.
Table 5-2.
DC Characteristics
Note:
1. VIL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from: TA = 25°C, f = 1.0MHz, VCC = 1.7V to 5.5V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, and SCL)
6
pF
VIN = 0V
Applicable over recommended operating range from: TAI = -40°C to +85°C, VCC = 1.7V to 5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.7
5.5
V
ICC1
Supply Current
VCC = 5.0V
Read at 400kHz
1.0
2.0
mA
ICC2
Supply Current
VCC = 5.0V
Write at 400kHz
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.7V
VIN = VCC or VSS
1.0
A
VCC = 5.0V
6.0
A
ILI
Input Leakage
Current VCC = 5.0V
VIN = VCC or VSS
0.10
3.0
A
ILO
Output Leakage
Current VCC = 5.0V
VOUT = VCC or VSS
0.05
3.0
A
VIL
Input Low Level(1)
-0.6
VCC x 0.3
V
VIH
Input High Level((1)
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Level
VCC = 1.7V
IOL = 0.15mA
0.2
V
VOL2
Output Low Level
VCC = 3.0V
IOL = 2.1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com