Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12ECT16B8CV1D Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 48Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 53Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
52
Table 2-1 Signal Properties
Pin Name
Function1
Pin Name
Function2
Pin Name
Function3
Pin Name
Function4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
—
—
—
VDDPLL
None
None
Oscillator Pins
XTAL
—
—
—
RESET
—
—
—
VDDR
External Reset
TEST
—
—
—
N.A.
Test Input
VREGEN
—
—
—
VDDX
Voltage Regulator Enable Input
XFC
—
—
—
VDDPLL
PLL Loop Filter
BKGD
TAGHI
MODC
—
VDDR
Always
Up
Up
Background Debug, Tag High, Mode
Input
PAD15
AN15
ETRIG1
—
VDDA
None
None
Port AD Input, Analog Input AN7 of
ATD1, External Trigger Input of
ATD1
PAD[14:08]
AN[14:08]
—
—
Port AD Inputs, Analog Inputs
AN[6:0] of ATD1
PAD07
AN07
ETRIG0
—
Port AD Input, Analog Input AN7 of
ATD0, External Trigger Input of ATD0
PAD[06:00]
AN[06:00]
—
—
Port AD Inputs, Analog Inputs AN[6:0]
of ATD0
PA[7:0]
ADDR[15:8]/
DATA[15:8]
——
VDDR
PUCR/
PUPAE
Disabled
Port A I/O, Multiplexed Address/Data
PB[7:0]
ADDR[7:0]/
DATA[7:0]
——
PUCR/
PUPBE
Port B I/O, Multiplexed Address/Data
PE7
NOACC
XCLKS
—
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Access, Clock Select
PE6
IPIPE1
MODB
—
While RESET pin is
low:
Down
Port E I/O, Pipe Status, Mode Input
PE5
IPIPE0
MODA
—
Port E I/O, Pipe Status, Mode Input
PE4
ECLK
—
—
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Bus Clock Output
PE3
LSTRB
TAGLO
—
Port E I/O, Byte Strobe, Tag Low
PE2
R/W
—
—
Port E I/O, R/W in expanded modes
PE1
IRQ
—
—
Up
Port E Input, Maskable Interrupt
PE0
XIRQ
—
—
Port E Input, Non Maskable Interrupt
PH7
KWH7
——
PERH/
PPSH
Disabled
Port H I/O, Interrupt
PH6
KWH6
——
Port H I/O, Interrupt
PH5
KWH5
——
Port H I/O, Interrupt
PH4
KWH4
——
Port H I/O, Interrupt
PH3
KWH3
——
Port H I/O, Interrupt
PH2
KWH2
——
Port H I/O, Interrupt
PH1
KWH1
——
Port H I/O, Interrupt
PH0
KWH0
——
Port H I/O, Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com