Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12ECT16B8CV1D Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 89Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 90Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 91Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 92Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 93Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 94Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 95Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 96Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
93
A.1.10.1 Measurement Conditions
All measurements are without output loads. Unless otherwise noted the currents are measured in single
chip mode, internal voltage regulator enabled and at 25MHz bus frequency using a 4MHz oscillator in
Colpitts mode. Production testing is performed using a square wave signal at the EXTAL input.
A.1.10.2 Additional Remarks
In expanded modes the currents flowing in the system are highly dependent on the load at the address, data
and control signals as well as on the duty cycle of those signals. No generally applicable numbers can be
given. A very good estimate is to take the single chip currents and add the currents due to the external
loads.
Table A-7 Supply Current Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1P
Run supply currents
Single Chip, Internal regulator enabled
IDD5
50
mA
2P
P
Wait Supply current
All modules enabled, PLL on
only RTI enabled 1
IDDW
30
5
mA
3
C
P
C
C
P
C
P
C
P
Pseudo Stop Current (RTI and COP disabled) 1, 2
-40
°C
27
°C
70
°C
85
°C
"C" Temp Option 100
°C
105
°C
"V" Temp Option 120
°C
125
°C
"M" Temp Option 140
°C
IDDPS
370
400
450
550
600
650
800
850
1200
500
1600
2100
5000
µA
4
C
C
C
C
C
C
C
Pseudo Stop Current (RTI and COP enabled) 1, 2
-40
°C
27
°C
70
°C
85
°C
105
°C
125
°C
140
°C
IDDPS
570
600
650
750
850
1200
1500
µA
5
C
P
C
C
P
C
P
C
P
Stop Current 2
-40
°C
27
°C
70
°C
85
°C
"C" Temp Option 100
°C
105
°C
"V" Temp Option 120
°C
125
°C
"M" Temp Option 140
°C
IDDS
12
25
100
130
160
200
350
400
600
100
1200
1700
5000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com