Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12ECT16B8CV1D Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 49Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 50Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 51Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 52Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 53Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 56Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
53
PJ7
KWJ7
SCL
TXCAN0
VDDX
PERJ/
PPSJ
Up
Port J I/O, Interrupt, SCL of IIC, TX of
CAN0
PJ6
KWJ6
SDA
RXCAN0
Port J I/O, Interrupt, SDA of IIC, RX of
CAN0
PJ[1:0]
KWJ[1:0]
—
—
Port J I/O, Interrupts
PK7
ECS
ROMCTL
—
VDDX
PUCR/
PUPKE
Up
Port K I/O, Emulation Chip Select,
ROM On Enable
PK[5:0]
XADDR[19:14]
—
—
Port K I/O, Extended Addresses
PM7
—
—
—
PERM/
PPSM
Disabled
Port M I/O
PM6
—
—
—
Port M I/O
PM5
TXCAN0
SCK
—
Port M I/O, TX of CAN0, SCK of SPI0
PM4
RXCAN0
MOSI
—
Port M I/O, RX of CAN0, MOSI of SPI0
PM3
TXCAN0
SS0
—
Port M I/O, TX of CAN0, SS of SPI0
PM2
RXCAN0
MISO0
—
Port M I/O, RX of CAN0, MISO of SPI0
PM1
TXCAN0
TXB
—
Port M I/O, TX of CAN0, RX of BDLC
PM0
RXCAN0
RXB
—
Port M I/O, RX of CAN0, RX of BDLC
PP7
KWP7
PWM7
—
PERP/
PPSP
Port P I/O, Interrupt, Channel 7 of
PWM
PP6
KWP6
PWM6
—
Port P I/O, Interrupt, PWM Channel 6
PP5
KWP5
PWM5
—
Port P I/O, Interrupt, PWM Channel 5
PP4
KWP4
PWM4
—
Port P I/O, Interrupt, PWM Channel 4
PP3
KWP3
PWM3
—
Port P I/O, Interrupt, PWM Channel 3
PP2
KWP2
PWM2
—
Port P I/O, Interrupt, PWM Channel 2
PP1
KWP1
PWM1
—
Port P I/O, Interrupt, PWM Channel 1
PP0
KWP0
PWM0
—
Port P I/O, Interrupt, PWM Channel 0
PS7
SS0
—
—
PERS/
PPSS
Up
Port S I/O, SS of SPI0
PS6
SCK0
—
—
Port S I/O, SCK of SPI0
PS5
MOSI0
—
—
Port S I/O, MOSI of SPI0
PS4
MISO0
—
—
Port S I/O, MISO of SPI0
PS3
TXD1
—
—
Port S I/O, TXD of SCI1
PS2
RXD1
—
—
Port S I/O, RXD of SCI1
PS1
TXD0
—
—
Port S I/O, TXD of SCI0
PS0
RXD0
—
—
Port S I/O, RXD of SCI0
PT[7:0]
IOC[7:0]
—
—
PERT/
PPST
Disabled Port T I/O, Timer channels
NOTES:
1. Refer to PEAR register description in HCS12 Multiplexed External Bus Interface (MEBI) Block Guide
Pin Name
Function1
Pin Name
Function2
Pin Name
Function3
Pin Name
Function4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com