Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12ECT16B8CV1D Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 68Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 69Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 70Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 71Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 72Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 73Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 74Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 75Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
72
5.3 Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the
respective module Block User Guides for register reset states.
5.3.1 I/O pins
Refer to the HCS12 Multiplexed External Bus Interface (MEBI) Block Guide for mode dependent pin
configuration of port A, B, E and K out of reset.
Refer to the PIM Block User Guide for reset configurations of all peripheral module ports.
$FFCA, $FFCB
Modulus Down Counter underflow
I-Bit
MCCTL (MCZI)
$CA
$FFC8, $FFC9
Pulse Accumulator B Overflow
I-Bit
PBCTL (PBOVI)
$C8
$FFC6, $FFC7
CRG PLL lock
I-Bit
CRGINT (LOCKIE)
$C6
$FFC4, $FFC5
CRG Self Clock Mode
I-Bit
CRGINT (SCMIE)
$C4
$FFC2, $FFC3
BDLC
I-Bit
DLCBCR1 (IE)
$C2
$FFC0, $FFC1
IIC Bus
I-Bit
IBCR (IBIE)
$C0
$FFBE, $FFBF
Reserved
I-Bit
Reserved
$BE
$FFBC, $FFBD
I-Bit
$BC
$FFBA, $FFBB
EEPROM
I-Bit
ECNFG (CCIE, CBEIE)
$BA
$FFB8, $FFB9
FLASH
I-Bit
FCNFG (CCIE, CBEIE)
$B8
$FFB6, $FFB7
CAN0 wake-up
I-Bit
CANRIER (WUPIE)
$B6
$FFB4, $FFB5
CAN0 errors
I-Bit
CANRIER (CSCIE, OVRIE)
$B4
$FFB2, $FFB3
CAN0 receive
I-Bit
CANRIER (RXFIE)
$B2
$FFB0, $FFB1
CAN0 transmit
I-Bit
CANTIER (TXEIE2-TXEIE0)
$B0
$FFAE, $FFAF
Reserved
I-Bit
Reserved
$AE
$FFAC, $FFAD
I-Bit
$AC
$FFAA, $FFAB
I-Bit
$AA
$FFA8, $FFA9
I-Bit
$A8
$FFA6, $FFA7
I-Bit
$A6
$FFA4, $FFA5
I-Bit
$A4
$FFA2, $FFA3
I-Bit
$A2
$FFA0, $FFA1
I-Bit
$A0
$FF9E, $FF9F
I-Bit
$9E
$FF9C, $FF9D
I-Bit
$9C
$FF9A, $FF9B
I-Bit
$9A
$FF98, $FF99
I-Bit
$98
$FF96, $FF97
I-Bit
$96
$FF94, $FF95
I-Bit
$94
$FF92, $FF93
I-Bit
$92
$FF90, $FF91
I-Bit
$90
$FF8E, $FF8F
Port P
I-Bit
PIEP (PIEP7-0)
$8E
$FF8C, $FF8D
PWM Emergency Shutdown
I-Bit
PWMSDN (PWMIE)
$8C
$FF80 to
$FF8B
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com