Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/ST Datasheet(PDF) 35 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 35 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 31Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 32Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 33Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 34Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 35Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 36Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 37Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 38Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 35
MRF49XA
EQUATION 2-4:
EQUATION 2-5:
EQUATION 2-6:
REGISTER 2-12:
DRSREG: DATA RATE VALUE SET REGISTER (POR: 0xC623)
W-1
W-1
W-0
W-0
W-0
W-1
W-1
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-1
W-0
W-0
W-0
W-1
W-1
DRPE
DRPV<6:0>(1)
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (11000110b) are serially sent to the microcontroller to identify the bits to be
written in the DRSREG.
bit 7
DRPE: Date Rate Prescaler Enable bit
1 = Enables the prescaler to obtain smaller values of expected data rates. The prescaler value when
enabled is approximately 1/8 of the actual data rate.
0 = Disables the prescaler
bit 6-0
DRPV<6:0>: Data Rate Parameter Value bits(1)
These bits represent the decimal value of the 7-bit parameter which is used to calculate the expected
data rate.
Note 1:
To calculate the expected data rate, use Equation 2-4. To calculate the DRPV<6:0> decimal value for a given
bit rate, use Equation 2-5. If the prescaler is not used, the data rates range from 2.694 kbps–344.828 kbps.
With the prescaler enabled, the data rates range from 337 bps to 43.103 kbps. The Slow Clock Recovery
mode requires more accurate bit timing when setting the data rate. Equation 2-6 is used to calculate the data
rate accuracy for Fast and Slow modes.
DREx (kbps) = 10000/[29 x (DRPV<6:0> + 1) x (1 + DRPE x 7)]
where:
DRPV<6:0> is the Decimal Value from 0 to 127 and the Prescaler (DRPE) is ‘1’ (if ON) or ‘0’ (if OFF).
DRPV<6:0> = 10000/[29 x (1 + DRPE x 7) x DREx] – 1
where:
DREx is the Expected Data Rate.
• Slow mode Accuracy (SMA) = ΔDR/DR < 1/(29 x LN)
• Fast mode Accuracy (FMA) = ΔDR/DR < 3/(29 x LN)
where:
LN is the longest number of expected 1’s or 0’s in the data stream.
ΔDR is the difference in the actual data rate versus the set data rate in the transmitter.
DR is the expected data rate set using DRPV<6:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com