Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 5Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 6Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 7Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 8Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 9Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 10Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 11Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 12Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 9
MRF49XA
2.0
HARDWARE DESCRIPTION
The MRF49XA is an integrated, single chip ISM Band
Sub-GHz Transceiver. A simplified architectural block
diagram of the MRF49XA is shown in Figure 2-1.
The frequency synthesizer is clocked by an external
10 MHz crystal and generates the 433, 868 and 915
MHz radio frequency. The receiver with a Zero-IF
architecture consists of the following components:
•LNA
• Down Conversion Mixers
• Channel Filters
• Baseband Limiting Amplifiers
• Receiver Signal Strength Indicator
The transmitter with a direct conversion architecture
has a typical output power of +7 dBm. An internal
transmit/receive switch combines the transmitter and
receiver circuits into differential RFP and RFN pins.
These pins are connected to the impedance matching
circuitry (Balun) and to the external antenna connected
to the device.
The device operates in the low-voltage range of 2.2V–
3.8V, and in Sleep mode, it operates at a very low-current
state, typically 0.3 μA.
The quality of the data is checked or validated using the
RSSI and DQI blocks built into the transceiver. Data is
buffered in transmitter registers and receiver FIFOs.
The AFC feature allows the use of a low-accuracy and
low-cost crystal. The CLKOUT is used to clock the
external controller. The transceiver is controlled through
a
4-wire
SPI,
interrupt
(INT/DIO
and
IRO),
FSK/DATA/FSEL, RCLKOUT/FCAP/FINT and RESET
pins. See Table 2-1 for pin details.
The MRF49XA supports the following feature blocks:
• Clock Generation
• Data Filtering and Amplification
• Data Pattern Recognition and Timing
• Data Processing and Storage
• Independent Transmit and Receiver FIFO Buffers
• Registers
These features reduce the processing load, and hence,
allows the use of low-cost 8-bit microcontrollers for data
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com