Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/ST Datasheet(PDF) 57 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 57 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 58Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 59Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 60Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 57
MRF49XA
FIGURE 3-9:
FSK MODULATED DEVIATION – MAXIMUM TX TO RX OFFSET
The baseband filtering type can also be selected
between an analog filter and a digital filter.
3.10.1
ANALOG FILTERING MODE
For analog filtering, a simple RC low-pass filter is used,
along with a Schmitt Trigger circuit. The demodulator
output is fed to the RCLKOUT/FCAP/FINT pin over a
10 k
Ω resistor. The filter cut-off frequency is set by the
external capacitor connected to this pin and VSS. A
10 k
Ω resistor and the Schmitt Trigger are integrated
on the chip. An external capacitor for the RC filter has
to be chosen in accordance with the required bit rate.
The receiver can handle up to 256 kbps of data rate in
analog
operation.
The
receive
data
rate
is
programmable from 337 bps to 256 kbps. An internal
prescaler can be used to give better resolution when
setting up the receive data rate. The prescaler is
optional and can be disabled through DRSREG. The
analog filtering does not use the FIFO and the clock.
The clock is not provided for the demodulated data,
and hence, there is no need for setting the correct bit
rate.
3.10.2
DIGITAL FILTERING MODE
A digital filter is used with a clock frequency at 29 times
the data rate. For digital filtering, the synchronized
clock to the data is provided by the CLKRC. By using
this clock, the received data can fill the FIFO. If the
FIFO is not used, the recovered clock can be accessed
through RCLKOUT/FCAP/ FINT pin.
The CLKRC operates in three modes: Automatic mode,
Slow mode and Fast mode. All three modes are
configurable through BBFCREG. Each mode is
dependent on the type of signals it uses to determine
the valid data and also the number of incoming
preamble bits present at the beginning of the packet. In
Automatic mode, the CR CLKRC automatically
switches between the Fast and Slow mode. The noise
immunity of the CLKRC is very high in Slow mode;
however, it has slower settling time and requires more
accurate data timing than in Fast mode.
The registers associated with baseband filtering are:
•STSREG (see Register 2-1)
• RXCREG (see Register 2-7)
• BBFCREG (see Register 2-8)
• PMCREG (see Register 2-13)
10 kHz
BBBW
Programmable
RX Center
Freq.
Baseband Filter Characteristic
2 x deviation
Amplitude
10 kHz + Data Rate
Data Rate
TX-RX Offset
TX Center
Freq.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com