Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/ST Datasheet(PDF) 79 Page - Microchip Technology

Part # MRF49XAT-I/ST
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST Datasheet(HTML) 79 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 75Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 76Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 77Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 78Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 79Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 80Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 81Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 82Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 79
MRF49XA
5.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Temperature under bias ........................................................................................................................... -40°C to +85°C
Storage temperature .............................................................................................................................. -55°C to +125°C
Lead temperature (soldering, max 10s) ............................................................................................................... +260°C
Voltage on VDD with respect to VSS ............................................................................................................... -0.3V to 6V
Voltage on any combined digital and analog pin with respect to VSS
(except RFP, RFN and VDD) ........................................................................................................... -0.3V to (VDD + 0.3V)
Voltage on open-collector outputs (RFP, RFN)(1)........................................................................... -0.5V to (VDD + 1.5V)
Input current into pin (except VDD and VSS).......................................................................................... -25 mA to 25 mA
Electrostatic discharge with human body model .................................................................................................... 1000V
Note: At maximum, voltage on RFP and RFN cannot be higher than 7V.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com