Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F107ACMSP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 35Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 36Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 37Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 38Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 39Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 40Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 41Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 42Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
RL78/G1C
2.
ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85
°C)
Page 39 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
(3) During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
p: CSI number (p = 00, 01), m: Unit number (m = 0), n: Channel number (n = 0, 1),
g: PIM and POM numbers (g = 0, 3, 5, 7)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 01))
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ VDD ≤ 5.5 V
167
ns
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK
2.4 V
≤ VDD ≤ 5.5 V
250
ns
4.0 V
≤ VDD ≤ 5.5 V
tKCY1/2
− 12
ns
2.7 V
≤ VDD ≤ 5.5 V
tKCY1/2
− 18
ns
SCKp high-/low-level width
tKH1,
tKL1
2.4 V
≤ VDD ≤ 5.5 V
tKCY1/2
− 38
ns
4.0 V
≤ VDD ≤ 5.5 V
44
ns
2.7 V
≤ VDD ≤ 5.5 V
44
ns
SIp setup time (to SCKp
↑) Note 1
tSIK1
2.4 V
≤ VDD ≤ 5.5 V
75
ns
SIp hold time (from SCKp
↑) Note 2
tKSI1
19
ns
Delay time from SCKp
↓ to
SOp output
Note 3
tKSO1
C = 30 pF
Note 4
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com