Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F107ACMSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 17Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 18Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 19Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 20Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 21Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 22Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 23Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 24Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
RL78/G1C
2.
ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85
°C)
Page 21 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
2.2.3
PLL oscillator characteristics
(TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
PLL input frequency
Note
fPLLIN
High-speed system clock
6.00
16.00
MHz
PLL output frequency
Note
fPLL
48.00
MHz
Lock up time
From PLL output enable to stabilization of the
output frequency
40.00
μ s
Interval time
From PLL stop to PLL re-operation setteing
Wait time
4.00
μ s
Setting wait time
From after PLL input clock stabilization and PLL
setting is fixed to start setting
Wait time required
1.00
μ s
Note
Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com