Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F107ACMSP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 28Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 29Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 30Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 31Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 32Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 33Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 34Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 35Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
RL78/G1C
2.
ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85
°C)
Page 32 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
(TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V) (2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
IUSBH
Note 11
During USB communication operation under the following settings
and conditions (VDD = 5.0 V, TA = +25
°C):
• The internal power supply for the USB is used.
• X1 oscillation frequency (fX) = 12 MHz, PLL oscillation frequency
(fPLL) = 48 MHz
• The host controller (via two ports) is set to operate in full-speed
mode with four pipes (end points) used simultaneously.
(PIPE4: Bulk OUT transfer (64 bytes), PIPE5: Bulk IN transfer (64
bytes), PIPE6: Interrupt OUT transfer, PIPE7: Interrupt IN transfer).
• The USB ports (two ports) are individually connected to a
peripheral function via a 0.5 m USB cable.
9.0
mA
IUSBF
Note 11
During USB communication operation under the following settings
and conditions (VDD = 5.0 V, TA = +25
°C):
• The internal power supply for the USB is used.
• X1 oscillation frequency (fX) = 12 MHz, PLL oscillation frequency
(fPLL) = 48 MHz
• The function controller is set to operate in full-speed mode with
four pipes (end points) used simultaneously.
(PIPE4: Bulk OUT transfer (64 bytes), PIPE5: Bulk IN transfer (64
bytes), PIPE6: Interrupt OUT transfer, PIPE7: Interrupt IN transfer).
• The USB port (one port) is connected to the host device via a
0.5 m USB cable.
2.5
mA
USB operating current
ISUSP
Note 12
During suspended state under the following settings and conditions
(VDD = 5.0 V, TA = +25
°C):
• The function controller is set to full-speed mode (the UDP0 pin is
pulled up).
• The internal power supply for the USB is used.
• The system is set to STOP mode (When the high-speed on-chip
oscillator, high-speed system clock, and subsystem clock are
stopped. When the watchdog timer is stopped.).
• The USB port (one port) is connected to the host device via a
0.5 m USB cable.
240
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com