Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F107ACMSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F107ACMSP Datasheet HTML 1Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 2Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 3Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 4Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 5Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 6Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 7Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 8Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
RL78/G1C
1.
OUTLINE
Page 3 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
Figure 1-1.
Part Number, Memory Size, and Package of RL78/G1C
Part No.
R 5 F 1 0 J G C A x x x F B # V 0
Packing
#U0 : Tray (HWQFN)
#V0 : Tray (LQFP, LFQFP)
#W0 : Embossed Tape (HWQFN)
#X0 : Embossed Tape (LQFP, LFQFP)
Package
ROM Number (Blank product is omitted)
ROM Capacity
RL78/G1C group
Renesas Microcontroller
Renesas Semiconductor
FP : LQFP, 0.80 mm pitch
FB : LFQFP, 0.50 mm pitch
NA : HWQFN, 0.50 mm pitch
C : 32 KB
Pin count
B : 32-pin
G : 48-pin
10J : USB host / function controller mounted
10K : USB function controller mounted
Classification
A : Consumer use, operating ambient temperature:
− 40 °C to +85 °C
G : Industrial use, operating ambient temperature:
− 40 °C to +105 °C
Type of Memory
F : Flash data memory
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com