Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323L Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # PFS7323L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323L Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button PFS7323L Datasheet HTML 5Page - Power Integrations, Inc. PFS7323L Datasheet HTML 6Page - Power Integrations, Inc. PFS7323L Datasheet HTML 7Page - Power Integrations, Inc. PFS7323L Datasheet HTML 8Page - Power Integrations, Inc. PFS7323L Datasheet HTML 9Page - Power Integrations, Inc. PFS7323L Datasheet HTML 10Page - Power Integrations, Inc. PFS7323L Datasheet HTML 11Page - Power Integrations, Inc. PFS7323L Datasheet HTML 12Page - Power Integrations, Inc. PFS7323L Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Rev. B 06/13
9
PFS7323-7329
www.powerint.com
Figure 12. REFERENCE Pin Current Operating Range.
D. Once the start-up sequence check has passed and the
converter goes into soft-start and if PGT is shorted to
SIGNAL GROUND pin, then the PG signal will toggle to the
low state (internal MOSFET is ‘on’) when the output voltage
reaches 85-100% of the set regulation threshold and will
remain in this state until the output voltage reaches zero volt
or conditions in A, B or C occur.
E. Once the start-up sequence check has passed and the
converter goes into soft-start and if PGT is open, then the
PG signal will remain in the high-impedance state (internal
MOSFET is ‘off’).
Reference and Selectable Power Limit
Besides the internal current reference source, the precision
resistor on the REFERENCE pin also allows user selection
between ‘full’ and ‘efficiency’ power limit for each device. The
efficiency power mode will permit user selection of a larger
device for a given output power requirement for increased
conversion efficiency.
In ‘full’ power mode the REFERENCE pin resistor is 24.9 k
W
±1% and the ‘Efficiency’ power limit mode is selected with a
49.9 k
W ±1% resistor.
If the REFERENCE pin is shorted (to GROUND pin) or open
circuited the IC will initiate a fast soft-shutdown and disable the
power MOSFET and remain disabled until all the conditions for
the start-up sequence are satisfied.
The REFERENCE pin resistor value and power mode is latched
at start-up.
Protection Modes
VOLTAGE MONITOR (V) Pin Shutdown
The VOLTAGE MONITOR pin features a shutdown protection
mode which can be used with the VOLTAGE MONITOR pin
resistor or external circuitry to cover system faults. During
start-up (1 V < VFB < 5.8 V) in the event the current through the
VOLTAGE MONITOR pin exceeds the I
V(OFF) threshold for a
duration exceeding approximately (1
ms), the IC disables the
internal MOSFET for the entire duration that the VOLTAGE
MONITOR pin current is above I
V(OFF). In normal operation, if the
current through the VOLTAGE MONITOR pin exceeds the I
V(OFF)
threshold for a duration exceeding t
V(OFF), the IC will re-initiate the
start-up sequence.
Brown-In Protection (I
UV+)
The VOLTAGE MONITOR pin features an input line undervoltage
detection to limit the minimum start-up voltage detected
through the VOLTAGE MONITOR pin. This detection threshold
will inhibit the device from starting at very low input AC voltage.
Brown-Out Protection (I
UV-)
The VOLTAGE MONITOR pin features a brown-out protection
mode wherein the HiperPFS will turn-off when the VOLTAGE
MONITOR pin current is below the Line UV- threshold (I
UV-) for a
period exceeding the t
BROWN-OUT time period. In the event a
single half-line cycle is missing (normal operating line frequency
is 47 to 63 Hz) the brown-out protection will not be activated.
The HiperPFS-2 soft-shutdown in effect gradually reduces the
internal error-voltage to zero volts at rate of 1 V/ms to decay the
power MOSFET on-time to zero.
At peak power (V
E ~5 V) the shutdown time will be approximately
5 ms. The internal error-voltage is held at 0 V for as long as the
input peak voltage is below the brown-in (I
UV+) threshold. The
internal error-voltage controlled slew to 0 V gradually reduces
the switch on-time to zero to deplete energy stored in the boost
choke as well as input EMI filter for power-down. Once the
error-voltage reaches zero volts the controller is effectively in an
off-state (gated by 5 ms timer) and will restart once all the
conditions of soft-start are satisfied.
At start-up and during soft-start the brown-out threshold (same
as Line UV-) is reduced to I
UV(SS) and brown-out timer is also
extended to t
UV(SS) (soft-start brown-out timer).
Soft-start brown-out threshold (I
UV(SS)) is reset to IUV- once the
internal error-voltage has begun to fall (indicating the converter
has reached steady-state output voltage regulation).
The soft-start brown-out timer is reset to the normal brown-out
timer once the internal error-voltage has begun to fall (indicating
the converter has reached steady-state output voltage regulation)
and the VOLTAGE MONITOR pin current exceeds I
UV-.
If the VOLTAGE MONITOR pin current is still below the I
UV(SS)
threshold after the end of the soft-start brown-out timer (t
UV(SS)),
then the converter will fail to start and initiate a soft-shutdown
followed by a soft start-up sequence as described in flowchart
in Figure 8.
PI-6863-050313
~170 VAC
V
IN
~140 VAC
I
V < ~48 µA
I
V > ~59 µA
Figure 13. Line Dependent OCP.
PI-6701-030212
Normal Range for
‘Efficiency Mode’
R = 49.9 kΩ
Normal Range for
‘Full Mode’
R = 24.9 kΩ
30 μA
20 μA
25 μA
50 μA
40 μA
60 μA
IC-OFF
IC-OFF
IC-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com