Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323L Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # PFS7323L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323L Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button PFS7323L Datasheet HTML 16Page - Power Integrations, Inc. PFS7323L Datasheet HTML 17Page - Power Integrations, Inc. PFS7323L Datasheet HTML 18Page - Power Integrations, Inc. PFS7323L Datasheet HTML 19Page - Power Integrations, Inc. PFS7323L Datasheet HTML 20Page - Power Integrations, Inc. PFS7323L Datasheet HTML 21Page - Power Integrations, Inc. PFS7323L Datasheet HTML 22Page - Power Integrations, Inc. PFS7323L Datasheet HTML 23Page - Power Integrations, Inc. PFS7323L Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Rev. B 06/13
20
PFS7323-7329
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
T
JI = -40 °C to 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
Line-Sense/Peak Detector
Brown-In
Threshold Current
I
UV+
0 °C
< T
JI < 100 °C
27.50
28.88
mA
Brown-Out
Threshold Current
I
UV-
0 °C
< T
JI < 100 °C
22.52
24.50
mA
Brown-In/Out
Hysteresis
I
UV(HYST)
0 °C
< T
JI < 100 °C
2.5
5.5
mA
Soft-Start Brown-Out
Threshold Current
I
UV(SS)
T
JI = 25 °C
20.62
mA
Soft-Start Brown-Out
Time-Out
t
UV(SS)
T
JI = 25 °C
1000
ms
VOLTAGE MONITOR
Pin Voltage Threshold
V
V(THR)
0 °C
< T
JI < 100 °C
I
V = IUV+
1.6
2.3
3.1
V
VOLTAGE MONITOR
Pin Short-Circuit
Current
I
V(SC)
0 °C
< T
JI < 100 °C
V
V = 6 V
280
mA
VOLTAGE MONITOR
Pin Pre-Soft-Start
Current
I
V(SS)
0 °C
< T
JI < 100 °C
V
V = 3 V
5
mA
Line Sample
Refresh Period
t
REFRESH
T
JI = 25 °C
16
60
ms
Brown-Out Timer
t
BROWN-OUT
T
JI = 25 °C
32
60
ms
VOLTAGE MONITOR
Pin Shutdown Current
Threshold
I
V(OFF)
0 °C < T
JI < 100 °C
200
mA
VOLTAGE MONITOR
Pin Shutdown Delay
t
V(OFF)
T
JI = 25 °C
65
110
135
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com