Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323L Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # PFS7323L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323L Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button PFS7323L Datasheet HTML 7Page - Power Integrations, Inc. PFS7323L Datasheet HTML 8Page - Power Integrations, Inc. PFS7323L Datasheet HTML 9Page - Power Integrations, Inc. PFS7323L Datasheet HTML 10Page - Power Integrations, Inc. PFS7323L Datasheet HTML 11Page - Power Integrations, Inc. PFS7323L Datasheet HTML 12Page - Power Integrations, Inc. PFS7323L Datasheet HTML 13Page - Power Integrations, Inc. PFS7323L Datasheet HTML 14Page - Power Integrations, Inc. PFS7323L Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Rev. B 06/13
11
PFS7323-7329
www.powerint.com
Output Power Table
eSIP Package
Product
Efficiency Power Mode R = 49.9 k
W
Full Power Mode R = 24.9 k
W
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7323L
60 W
80 W
90 W
85 W
110 W
120 W
PFS7324L
80 W
110 W
120 W
100 W
130 W
150 W
PFS7325L
110 W
150 W
165 W
140 W
185 W
205 W
PFS7326H
140 W
185 W
205 W
180 W
230 W
260 W
PFS7327H
175 W
230 W
255 W
220 W
290 W
320 W
PFS7328H
210 W
280 W
310 W
270 W
350 W
385 W
PFS7329H
235 W
320 W
345 W
293 W
380 W
425 W
Table 2. Output Power Table.
Notes:
1. See Key Application considerations.
2. Maximum practical continuous power at 90 VAC in an open-frame design with adequate heat sinking, measured at 50 °C ambient.
3. Recommended lower range of maximum continuous power for
best light load efficiency; HiperPFS-2 will operate and perform below this level.
4. Internal output power limit.
Hysteretic Thermal Shutdown
The thermal shutdown circuitry senses the controller die
temperature. The threshold is set at 117 °C typical with a 49 °C
hysteresis. When the die temperature rises above this threshold
(OTP) (117 °C +8/-7 °C), the controller initiates a fast soft-
shutdown and remains disabled until the die temperature falls
by ~49°C, at which point the device will re-initiate the soft-start
sequence.
In the event an OTP is detected when the VOLTAGE MONITOR
pin current is below I
UV+ threshold, the device will initiate a
soft-shutdown and remain disabled until all the conditions for
the start-up (soft-start sequence) are satisfied. In this mode of
operation the OTP hysteresis is disabled.
When soft-shutdown is initiated by an over-temperature fault
(OTP) the brown-out timer delay (t
BROWN-OUT) is disabled. The
behavior of OTP depends on the input voltage peak detected
following the thermal fault. If the input peak voltage detected
after the thermal fault is below I
UV+, OTP hysteresis is disabled,
however if the peak input voltage after the thermal fault is above
I
UV+ then the OTP hysteresis is enabled prior to re-initiating the
soft-start sequence.
The maximum time delay for soft-shutdown to occur after an
OTP event is detected is t
REFRESH.
In the event the input voltage is reduced below the brown-in
threshold and an OTP event occurs (no OTP hysteresis) and the
input voltage is raised immediately above brown-in before the
controller junction temperature falls below the OTP threshold,
the controller will initiate a soft-start once the controller junction
is just below the OTP threshold. Depending on the system
thermal conditions, the controller could initiate OTP shutdown
again because of insufficient time to cool down the controller.
The OTP shutdown that occurs when the input voltage is above
brown-in will have hysteresis enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com