Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7323L Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # PFS7323L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7323L Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button PFS7323L Datasheet HTML 6Page - Power Integrations, Inc. PFS7323L Datasheet HTML 7Page - Power Integrations, Inc. PFS7323L Datasheet HTML 8Page - Power Integrations, Inc. PFS7323L Datasheet HTML 9Page - Power Integrations, Inc. PFS7323L Datasheet HTML 10Page - Power Integrations, Inc. PFS7323L Datasheet HTML 11Page - Power Integrations, Inc. PFS7323L Datasheet HTML 12Page - Power Integrations, Inc. PFS7323L Datasheet HTML 13Page - Power Integrations, Inc. PFS7323L Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Rev. B 06/13
10
PFS7323-7329
www.powerint.com
Temporarily reducing the brown-out threshold prevents false
turn-off at high power start-up when voltage drop across the
input bridge rectifier and filter stage may cause the rectified
input to sag below the brown-out threshold.
Increasing the brown-out timer during soft-start permits a longer
time for an in-line AC-side NTC to reduce its resistance and
increase the voltage presented to the VOLTAGE MONITOR pin.
In the event the converter does not reach regulation at start-up
(overload or power limit condition) C
UV protection threshold is
not activated and both the I
UV(SS) and tUV(SS) are not reset.
It is expected that while the input voltage peak is below the
brown-out threshold (I
UV-) during a line cycle drop out or line sag
event the internal peak detector will force refresh the line
feed-forward gain (m
ON) to the minimum value at the tREFRESH
sample rate.
Similar to the original HiperPFS, the controller latches the OCP
threshold in the event of an AC line cycle drop-out when the
peak sense is for a high input line condition (V
IN > 170 VAC).
Fast Output Voltage Overvoltage Protection (FB
OV)
This family features a FEEDBACK pin that is connected directly
to the output voltage resistor divider network to permit fast
feedback information to the controller for fast load transient
response.
The COMPENSATION pin which is also connected to the
voltage divider network includes a resistor to isolate the slow
feedback path and loop compensation network into the
controller for steady-state output voltage regulation.
Comparators on the FEEBACK and COMPENSATION pins are
used to verify that the pins are not open-circuited and that the
main voltage divider voltage at start-up is greater than FB
OFF
and C
OFF in order to complete the start-up fault detect sequence.
After start-up the FB
OFF and COFF thresholds remain enabled.
Similarly to the original HiperPFS, this controller includes internal
FB
OV (FEEDBACK pin overvoltage), COV (COMPENSATION pin
overvoltage) and C
UV (COMPENSATION pin undervoltage)
protection thresholds that are detected through the FEEDBACK
and COMPENSATION pins. Deglitch filters (t
FB(OV) and tC(UV)) are
also used to prevent the controller from falsely triggering this
protection mode.
A FB
OV event in excess of the tFB(OV) delay will terminate the
switch cycle immediately.
The COMPENSATION pin also features an output voltage
undervoltage detection threshold to detect an overload or
open-loop condition (broken feedback). In the event the falling
edge of the voltage on the COMPENSATION pin falls below the
C
UV threshold, the MOSFET is disabled and the soft-start
start-up sequence is initiated.
The COMPENSATION pin undervoltage protection (C
UV) mode is
disabled during start-up and enabled once the COMPENSATION
pin voltage exceeds approximately 5.8 V. The brown-out
threshold is also reset from I
UV(SS) to IUV- under the same conditions
as activation of the C
UV threshold.
VCC Undervoltage Protection (UVLO)
The BIAS POWER (VCC) pin has an undervoltage lock-out
protection which inhibits the IC from starting unless the applied
VCC voltage is above the VCC+ threshold. The IC initiates a
soft-start once the VCC pin voltage exceeds the VCC+ threshold.
After start-up the IC will continue to operate until the VCC pin
voltage has fallen below VCC- level. The absolute maximum
voltage of the VCC pin is 15 V which must be externally limited
to prevent damage to the IC.
Over-Current Protection
The device includes a cycle-by-cycle over-current-protection
(OCP) mode which protects the device in the event of a
catastrophic fault. The OCP mode in the HiperPFS-2 is input
line dependent as shown in Figure 13. The intention of OCP in
this device is strictly protection of the internal power MOSFET
and is not intended to protect the converter from output
short-circuit or overload fault conditions.
The HiperPFS-2 latches the high input line OCP for a 1/2 line
cycle and updates the OCP status after the expiration of a 5 ms
block-out timer. This feature has particular benefit for hard-start
after an AC line cycle drop where the peak detector may falsely
detect a low input line condition even though the input is at high
input line.
A leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time is set so that
current spikes caused by capacitance and rectifier reverse
recovery time will not cause premature termination of the
MOSFET conduction.
Safe Operating Area (SOA) Mode
Since the cycle-by-cycle OCP mechanism described above
does not prevent the possibility of inductor current ‘stair-casing’,
an SOA mode is also featured. Rapid buildup of the device
current can occur in the event of inductor saturation or when
the input and output voltages are equal (no or very short
inductor reset time).
The SOA mode is triggered whenever the device reaches
current limit (I
OCP) and the on-time is less than tSOA.
The SOA mode forces an off-time equal to t
OCP and pulls the
internal error-voltage (V
E) down to approximately 1/2 of its set
value.
Open FEEDBACK Pin Protection
The FEEDBACK pin also features a static current of I
FB that is
continuously sourced out of the pin to protect against a fault
related to an open FEEDBACK pin. The internal current source
introduces a static offset to the output regulation which must be
accounted for in selecting the output feedback regulation
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com