Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AF5189 Datasheet HTML 1Page - STMicroelectronics STM8AF5189 Datasheet HTML 2Page - STMicroelectronics STM8AF5189 Datasheet HTML 3Page - STMicroelectronics STM8AF5189 Datasheet HTML 4Page - STMicroelectronics STM8AF5189 Datasheet HTML 5Page - STMicroelectronics STM8AF5189 Datasheet HTML 6Page - STMicroelectronics STM8AF5189 Datasheet HTML 7Page - STMicroelectronics STM8AF5189 Datasheet HTML 8Page - STMicroelectronics STM8AF5189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
This is information on a product in full production.
July 2012
Doc ID 14395 Rev 9
1/110
1
STM8AF5xxx STM8AF6x69/7x/8x/9x/Ax
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM,
10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
Datasheet
−production data
Features
■ Core
–Max fCPU: 24 MHz
– Advanced STM8A core with Harvard
architecture and 3-stage pipeline
– Average 1.6 cycles/instruction resulting in
10 MIPS at 16 MHz fCPU for industry
standard benchmark
■ Memories
– Program memory: 32 to 128 Kbytes Flash
program; data retention 20 years at 55 °C
– Data memory: up to 2 Kbytes true data
EEPROM; endurance 300 kcycles
– RAM: 2 Kbytes to 6 Kbytes
■ Clock management
– Low-power crystal resonator oscillator with
external clock input
– Internal, user-trimmable 16 MHz RC and
low-power 128 kHz RC oscillators
– Clock security system with clock monitor
■ Reset and supply management
– Wait/auto-wakeup/Halt low-power modes
with user definable clock gating
– Low consumption power-on and power-
down reset
■ Interrupt management
– Nested interrupt controller with 32 vectors
– Up to 37 external interrupts on 5 vectors
■ Timers
– 2 general purpose 16-bit timers with up to 3
CAPCOM channels each (IC, OC, PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-
time insertion and flexible synchronization
– 8-bit AR basic timer with 8-bit prescaler
– Auto-wakeup timer
– Window and independent watchdog timers
■ I/Os
– Up to 68 user pins (11 high sink I/Os)
– Highly robust I/O design, immune against
current injection
■ Communication interfaces
– High speed 1 Mbit/s CAN 2.0B interface
– USART with clock output for synchronous
operation - LIN master mode
– LINUART LIN 2.1 compliant, master/slave
modes with automatic resynchronization
– SPI interface up to 10 Mbit/s or fMASTER/2
–I2C interface up to 400 Kbit/s
■ Analog to digital converter (ADC)
– 10-bit resolution, 2 LSB TUE, 1 LSB
linearity and up to 16 multiplexed channels
■ Operating temperature up to 150 °C
■ Qualification conforms to AEC-Q100 rev G
Table 1.
Device summary(1)
1.
In the order code, ‘F’ applies to devices with Flash program
memory and data EEPROM while ‘H’ refers to devices with
Flash program memory only. ‘F’ is replaced by ‘P’ for devices
with FASTROM (see Tables 2, 3, 4, and 5, and Figure 52).
Part numbers: STM8AF52xx (with CAN)
STM8AF52AA, STM8AF52A9, STM8AF52A8, STM8AF528A,
STM8AF5289, STM8AF5288, STM8AF5269, STM8AF5268
Part numbers: STM8AF6269/8x/Ax
STM8AF62AA, STM8AF62A9, STM8AF62A8, STM8AF628A,
STM8AF6289, STM8AF6288, STM8AF6286, STM8AF6269,
STM8AF62A6,
Part numbers: STM8AF51xx
(with CAN)(2)
2.
Not recommended for new design.
STM8AF51AA, STM8AF51A9, STM8AF51A8, STM8AF519A,
STM8AF5199, STM8AF5198, STM8AF518A, STM8AF5189,
STM8AF5188, STM8AF5179, STM8AF5178, STM8AF5169,
STM8AF5168
Part numbers: STM8AF6169/7x/8x/9x/Ax(2)
STM8AF61AA, STM8AF61A9, STM8AF61A8, STM8AF619A,
STM8AF6199, STM8AF6198, STM8AF618A, STM8AF6189,
STM8AF6188, STM8AF6186, STM8AF6179, STM8AF6178,
STM8AF6176, STM8AF6169
LQFP80 14x14
LQFP48 7x7
LQFP32 7x7
VFQFPN32 5x5
LQFP64 10x10
www.st.com


Similar Part No. - STM8AF5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF51XX STMICROELECTRONICS-STM8AF51XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
More results

Similar Description - STM8AF5189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8S103K3 STMICROELECTRONICS-STM8S103K3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
09-Sep-2010
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
10-Nov-2016
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
24-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com