Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 10Page - STMicroelectronics STM8AF5189 Datasheet HTML 11Page - STMicroelectronics STM8AF5189 Datasheet HTML 12Page - STMicroelectronics STM8AF5189 Datasheet HTML 13Page - STMicroelectronics STM8AF5189 Datasheet HTML 14Page - STMicroelectronics STM8AF5189 Datasheet HTML 15Page - STMicroelectronics STM8AF5189 Datasheet HTML 16Page - STMicroelectronics STM8AF5189 Datasheet HTML 17Page - STMicroelectronics STM8AF5189 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
Block diagram
STM8AF52/62xx, STM8AF51/61xx
14/110
Doc ID 14395 Rev 9
4
Block diagram
Figure 1.
STM8A block diagram
1.
Legend:
ADC: Analog-to-digital converter
beCAN: Controller area network
BOR: Brownout reset
I²C: Inter-integrated circuit multimaster interface
IWDG: Independent window watchdog
LINUART: Local interconnect network universal asynchronous receiver transmitter
POR: Power on reset
SPI: Serial peripheral interface
SWIM: Single wire interface module
USART: Universal synchronous asynchronous receiver transmitter
Window WDG: Window watchdog
XTAL 1-24 MHz
RC int. 16 MHz
RC int. 128 kHz
STM8A CORE
Debug/SWIM
I2C
SPI
USART
LINUART
16-bit general purpose
AWU timer
Reset block
Reset
Clock controller
Detector
Clock to peripherals and core
10 Mbit/s
LIN master
Up to
Window WDG
IWDG
Up to 128 Kbyte
Up to 2 Kbytes
Up to 6 Kbytes
Boot ROM
10-bit ADC
beCAN
9 CAPCOM
Reset
400 Kbit/s
1 Mbit/s
Master/slave
Single wire
automatic
debug interf.
SPI emul.
channels
high density program
Flash
16-bit advanced control
timer (TIM1)
(TIM2, TIM3)
8-bit AR timer
(TIM4)
data EEPROM
RAM
Up to
16 channels
resynchronization
POR
BOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com