Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 23Page - STMicroelectronics STM8AF5189 Datasheet HTML 24Page - STMicroelectronics STM8AF5189 Datasheet HTML 25Page - STMicroelectronics STM8AF5189 Datasheet HTML 26Page - STMicroelectronics STM8AF5189 Datasheet HTML 27Page - STMicroelectronics STM8AF5189 Datasheet HTML 28Page - STMicroelectronics STM8AF5189 Datasheet HTML 29Page - STMicroelectronics STM8AF5189 Datasheet HTML 30Page - STMicroelectronics STM8AF5189 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Product overview
Doc ID 14395 Rev 9
27/110
●
Interrupt:
–
Successful address/data communication
–
Error condition
–
Wakeup from Halt
●
Wakeup from Halt on address detection in slave mode
5.9.5
Controller area network interface (beCAN)
The beCAN controller (basic enhanced CAN), interfaces the CAN network and supports the
CAN protocol version 2.0A and B. It is equipped with a receive FIFO and a very versatile
filter bank. Together with a filter match index, this allows a very efficient message handling in
today’s car network architectures. The CPU is significantly unloaded. The maximum
transmission speed is 1 Mbit/s.
Transmission
●
Three transmit mailboxes
●
Configurable transmit priority by identifier or order request
Reception
●
11- and 29-bit ID
●
1 receive FIFO (3 messages deep)
●
Software-efficient mailbox mapping at a unique address space
●
FMI (filter match index) stored with message for quick message association
●
Configurable FIFO overrun
●
Time stamp on SOF reception
●
6 filter banks, 2 x 32 bytes (scalable to 4 x 16-bit) each, enabling various masking
configurations, such as 12 filters for 29-bit ID or 48 filters for 11-bit ID.
●
Filtering modes (mixable):
–
Mask mode permitting ID range filtering
–
ID list mode
Interrupt management
●
Maskable interrupt
●
Software-efficient mailbox mapping at a unique address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com