Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 94Page - STMicroelectronics STM8AF5189 Datasheet HTML 95Page - STMicroelectronics STM8AF5189 Datasheet HTML 96Page - STMicroelectronics STM8AF5189 Datasheet HTML 97Page - STMicroelectronics STM8AF5189 Datasheet HTML 98Page - STMicroelectronics STM8AF5189 Datasheet HTML 99Page - STMicroelectronics STM8AF5189 Datasheet HTML 100Page - STMicroelectronics STM8AF5189 Datasheet HTML 101Page - STMicroelectronics STM8AF5189 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
Ordering information
STM8AF52/62xx, STM8AF51/61xx
98/110
Doc ID 14395 Rev 9
12
Ordering information
Figure 52.
Ordering information scheme(1)
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
2.
Customer specific FASTROM code or custom device configuration. This field shows ‘SSS’ if the device
contains a super set silicon, usually equipped with bigger memory and more I/Os. This silicon is supposed
to be replaced later by the target silicon.
3.
Not recommended for new design.
4.
Available on STM8AFx2xx devices.
STM8A
F
62
A
A
T
D
XXX(2)
Y
Product class
8-bit automotive microcontroller
Program memory size
6 = 32 Kbytes
7 = 48 Kbytes(3)
8 = 64 Kbytes
9 = 96 Kbytes(3)
A= 128 Kbytes
Package type
T = LQFP
U = VFQFPN
Example:
Device family
51 = Silicon rev X, CAN/LIN(3)
61 = Silicon rev X, LIN only(3
52 = Silicon rev U and rev T, CAN/LIN
62 = Silicon rev U and rev T, LIN only
Program memory type
F = Flash + EEPROM
P = FASTROM
H = Flash no EEPROM(3)
Temperature range
A = -40 to 85 °C
B = -40 to 105 °C(3)
C = -40 to 125 °C
D = -40 to 150 °C(4)
Pin count
6 = 32 pins
8 = 48 pins
9= 64 pins
A = 80 pins
Packing
Y = Tray
U = Tube
X = Tape and reel compliant with EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com