Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 98Page - STMicroelectronics STM8AF5189 Datasheet HTML 99Page - STMicroelectronics STM8AF5189 Datasheet HTML 100Page - STMicroelectronics STM8AF5189 Datasheet HTML 101Page - STMicroelectronics STM8AF5189 Datasheet HTML 102Page - STMicroelectronics STM8AF5189 Datasheet HTML 103Page - STMicroelectronics STM8AF5189 Datasheet HTML 104Page - STMicroelectronics STM8AF5189 Datasheet HTML 105Page - STMicroelectronics STM8AF5189 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
Revision history
STM8AF52/62xx, STM8AF51/61xx
102/110
Doc ID 14395 Rev 9
14
Revision history
Table 57.
Document revision history
Date
Revision
Changes
31-Jan-2008
Rev 1
Initial release
22-Aug-2008
Rev 2
Added ‘H’ products to the datasheet (Flash no EEPROM).
Features on page 1: Updated Memories, Reset and supply
management, Communication interfaces and I/Os; reduced wakeup
pins by 1.
Table 1: Removed STM8AF6168, STM8AF6148, STM8AF6166,
STM8AF6146, STM8AF5168, STM8AF5186, STM8AF5176, and
STM8AF5166.
Section 1, Section 5, Section 6.2, Table 21, and Section 9: Updated
reference documentation: RM0009, PM0047, and UM0470.
Section 2: Added information about peak performance.
Section 3: Removed STM8A common features table.
Table 4: Removed STM8AF5186T, STM8AF5176T, STM8AF5168T,
and STM8AF5166T.
Table 5: Removed STM8AF6168T, STM8AF6166T, STM8AF6148T,
and STM8AF6146T.
Section 5: Made minor content changes and improved readability
and layout.
Section 5.5.3: Major modification, TMU included.
Section 5.5.2: User trimming updated.
Section 5.5.3: LSI as CPU clock added.
Section 5.5.4 , Section 5.5.5: Maximum frequency conditional 32
Kbyte/128 Kbyte.
Section 5.8: Scan for 128 Kbyte removed.
Section 5.9, Section 5.9.3: SPI 10 Mb/s.
Figure 3, Figure 4, and Figure 5: Amended footnote 1.
Table 12: HS output changed from 20 mA to 8 mA.
Section 7: Corrected Figure 7: Register and memory map; removed
address list; added Table 14.
Section 10.3.2 Note on typical/WC values added.
Table 18: Replaced the source blocks ‘simple USART’, ‘very low-end
timer (timer 4)’, and ‘EEPROM’ with ‘LINUART’, ‘timer4’ and
‘reserved’ respectively, added TMU registers.
Table 20: Updated OPT6 and NOPT6, added OPT7 to 17 (TMU, BL)
Table 21: Updated OPT1 UBC[7:0], OPT4 CKAWUSEL, OPT4
PRSC [1:0], and OPT6, added OPT7 to 16 (TMU).
Table 23: Amended footnotes.
Table 26: Added parameter ‘voltage and current operating
conditions’.
Table 27: Amended footnotes.
Table 28: Replaced.
Table 29: Amended maximum data and footnotes.
Table 21: Replaced.
Table 22: Added and amended IDD(RUN) data; amended IDD(WFI)
data; amended footnotes.
Table 32: Filled in, amended maximum data and footnotes.
Figure 12 to Figure 17: info on peripheral activity added.
Table 33: Modified fHSE_ext data and added VHSEdhl data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com