Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5189 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8AF5189
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5189 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8AF5189 Datasheet HTML 102Page - STMicroelectronics STM8AF5189 Datasheet HTML 103Page - STMicroelectronics STM8AF5189 Datasheet HTML 104Page - STMicroelectronics STM8AF5189 Datasheet HTML 105Page - STMicroelectronics STM8AF5189 Datasheet HTML 106Page - STMicroelectronics STM8AF5189 Datasheet HTML 107Page - STMicroelectronics STM8AF5189 Datasheet HTML 108Page - STMicroelectronics STM8AF5189 Datasheet HTML 109Page - STMicroelectronics STM8AF5189 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
Revision history
STM8AF52/62xx, STM8AF51/61xx
106/110
Doc ID 14395 Rev 9
22-Oct-2009
Rev 5
Updated Table 1: Device summary:
– Added STM8AF5178, STM8AF519A and STM8AF619A.
13-Apr-2010
Rev 6
Updated title on cover page.
Modified cover page header to clarify the part numbers covered by
the datasheets. Updated Note 1 below Table 1: Device summary to
add ‘P’ order codes.
Changed definition of ‘P’ order codes.
‘Q’ order codes (FASTROM and EEPROM) removed.
Content of Section 5: Product overview reorganized. Table 13:
STM8A microcontroller family pin description: updated PD7/TLI
alternate function, removed caution note for PD6/ LINUART_RX, and
added Note 1 to PA1/OSCIN.
Renamed Section 7 Memory and register map, and content merged
with section 9. Register map. Updated Figure 7: Register and
memory map.
Renamed BL_EN and NBL_EN, BL and NBL, respectively, in
Table 20: Option bytes.
Updated AFR4 definition in Table 21: Option byte description.Added
CEXT in Table 26: General operating conditions, and Section 10.3.1:
VCAP external capacitor.
Update tVDD in Table 27: Operating conditions at power-up/power-
down.
Moved Table 32: Typical peripheral current consumption VDD = 5.0 V
to Section : Current consumption for on-chip peripherals.
Removed VESD(MM) from Table 49: ESD absolute maximum ratings.
Updated Section 12: Ordering information to the devices supported
by the datasheet.
Updated Section 13: STM8 development tools.
08-Jul-2010
Rev 7
Added STM8AF5168 and STM8AF518A part number in Figure 4,
and STM8AF618A in Figure 5. Added STM8AF52xx, STM8AF6269,
STM8AF628x, and STM8AF62Ax.
Updated D temperature range to -40 to 150°C.
Updated number of I/Os on cover page.
Added Table 25: Operating lifetime.
Restored VESD(MM) from Table 49: ESD absolute maximum ratings.
Table 26: General operating conditions: updated VCAP information.
ESL parameter, and range D maximum junction temperature (TJ).
Added STM8AF52xx and STM8AF62xx, and Note 3 in Section 12:
Ordering information.
Updated Section 13: STM8 development tools: added Table 54:
Product evolution summary, and split the beCAN time triggered
communication mode limitation into Section 13.7.3 and
Section 13.7.4.
Table 57.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com