Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 16 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 16 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 12Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
16
IR3473 
6A Highly Integrated SupIRBuck
TM 
DESIGN EXAMPLE 
 
DESIGN CRITERIA  
• Input Voltage, VIN = 6V to 21V 
• Output Voltage, VOUT = 1.25V 
• Switching Frequency, Fs = 400kHz 
• Inductor Ripple Current,  2ΔI = 2A 
• Maximum Output Current, IOUT = 6A 
• Over Current Trip, IOC = 9A 
• Current Transient Step Size = 3A 
• Overshoot Allowance, VOS = VOUT + 50mV 
• Undershoot Allowance, VDROP = 50mV 
Find RFF: 
Pick a standard value 158 kΩ, 1% resistor. 
Find RSET: 
Pick a 11.5kΩ, 1% standard resistor.  
Find a resistive voltage divider for VOUT = 1.25V: 
R2 = 1.33kΩ, R1 = 1.96 kΩ, both 1% standard resistors.  
Choose the soft start capacitor: 
Once the soft start time has chosen, such as 1000µs to 
reach to the reference voltage, a 22nF for CSS is used to 
meet 1000µs. 
Choose an inductor to meet the design specification: 
 
 
 
Choose the inductor with the lowest DCR and AC power 
loss as possible to increase the overall system efficiency.  
For instance, choose a PCMB065T‐1R5MS manufactured by 
CYNTEC. The inductance of this part is 1.5µH and has 6.7mΩ 
DCR. Ripple current needs to be recalculated using the chosen 
inductor. 
Choose an input capacitor: 
 
 
 
A Panasonic 10µF (ECJ3YB1E106M) accommodates 6 Arms of 
ripple current at 300kHz. Due to the chemistry of multilayer 
ceramic capacitors, the capacitance varies over temperature 
and operating voltage, both AC and DC. One 10µF capacitor is 
recommended.  In a practical solution, one 1µF capacitor is 
required along with 10µF. The purpose of the 1µF capacitor is 
to suppress the switching noise and deliver high frequency 
current.  
Choose an output capacitor: 
To meet the undershoot and overshoot specification, 
equations 7b and 8 will be used to calculate the minimum 
output capacitance. As a result, 110μF will be needed for 3A 
load removal. To meet the stability requirement, choose an 
output capacitor with ESR larger than 9mΩ. Combine those 
two requirements, one can choose a set of output capacitors 
from manufactures such as SP‐Cap (Specialty Polymer 
Capacitor) from Panasonic or POSCAP from Sanyo. A 150μF 
(4TPE150MI) from Sanyo with 18mΩ ESR will meet both 
requirements. 
If an all ceramic output capacitor solution is desired, the 
external slope injection circuit composed of R6, C13, and C14 
is required as explained in the Stability Considerations 
section. In this design example, we can choose C14 = 1nF and 
C13 = 100nF. To calculate the value of R6 with PCMB065T‐
1R5MS as our inductor: 
 
 
 
 
 
Pick a standard value for R6 = 2.26kΩ. 
k
156
400k
20
1
1.25
RFF
Ω
=
⋅
⋅
=
Hz
pF
V
V
Ω
=
Ω
=
⋅
k
4
.
1
1
9
1
9
24m
RSET
A
A
μ
V
0.5
V
R
R
R
V
OUT
1
2
2
FB
=
⋅
+
=
()
()
H
Hz
A
V
V
V
V
μ
1.5
400k
2
21
1.25
-
21
1.25
F
ΔI
2
V
V
V
V
L
s
IN
OUT
IN
OUT
=
⋅
⋅
⋅
=
⋅
⋅
=
⋅
−
(
)
A
Hz
H
V
V
V
V
I
2
400k
1.5
21
1.25
-
21
1.25
2Δ
=
⋅
⋅
⋅
=
μ
A
A
A
V
V
A
5
.
1
6
1
3
1
1
21
1.25
6
I
2
IN_RMS
=
⎟
⎠
⎞
⎜
⎝
⎛
⋅
+
⋅
⋅
=
Ω
=
⋅
Ω
=
⋅
=
k
nF
m
H
C
DCR
L
24
.
2
100
7
.
6
5
.
1
R
13
6
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com